| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M29F032D70N6 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M29F032D70N6 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 35 page ![]() 29/35 M29F032D Table 21. Primary Algorithm-Specific Extended Query Table Table 22. Security Code Area Address Data Description Value 40h 50h Primary Algorithm extended Query table unique ASCII string “PRI” "P" 41h 52h "R" 42h 49h "I" 43h 31h Major version number, ASCII "1" 44h 30h Minor version number, ASCII "0" 45h 00h Address Sensitive Unlock (bits 1 to 0) 00 = required, 01= not required Silicon Revision Number (bits 7 to 2) Yes 46h 02h Erase Suspend 00 = not supported, 01 = Read only, 02 = Read and Write 2 47h 04h Block Protection 00 = not supported, x = number of blocks per group 4 48h 01h Temporary Block Unprotect 00 = not supported, 01 = supported yes 49h 04h Block Protect /Unprotect 04 = M29W400B mode 4 4Ah 00h Simultaneous Operations, 00 = not supported No 4Bh 00h Burst Mode, 00 = not supported, 01 = supported No 4Ch 00h Page Mode, 00 = not supported, 01 = 4 page word, 02 = 8 page word No Address Data Description 61h XX 64 bit: unique device number 62h XX 63h XX 64h XX 65h XX 66h XX 67h XX 68h XX |