Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

YC-710 Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

No. de pieza YC-710
Descripción Electrónicos  Crimping machines and tools
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JST [JST Mfg. Co., Ltd.]
Página de inicio  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

YC-710 Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  YC-710 Datasheet HTML 1Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 2Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 3Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 4Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 5Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 6Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 7Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 8Page - JST Mfg. Co., Ltd. YC-710 Datasheet HTML 9Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MKS-L
Strip-crimp applicator
for side feeding terminals
MK-L
Crimping applicator
for end-feeding terminals
MKF-L
Crimping applicator
for end-feeding flag terminals
2
1
APPLICATION TOOLING
Crimping machines and tools
Crimping machines and tools
The arrow mark indicates the press that is applicable to the applicator.
APPLICATION TOOLING
Crimping machines and tools
Crimping machines and tools
The arrow mark indicates the press that is applicable to the applicator.
Semi-automatic crimping machines (presses)
contact a wire to a chain terminal each time a
footswitch is pressed.
Semi-automatic press
AP-K2N
• Dimensions:
(W×L×H)280×480×505 mm
• Weight:
Approx. 90 kg(198 lb)
• Power source:
100 VAC, Single-phase 50/60 Hz
• Pressure output:
14.7 kN[1,500 kg(3307 lb)]
• Dies:
Applicator replacement


Número de pieza similar - YC-710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
YC-045 ETC2-YC-045 Datasheet
70Kb / 6P
Crimping tools
YC-055 ETC2-YC-055 Datasheet
70Kb / 6P
Crimping tools
YC-056 ETC2-YC-056 Datasheet
70Kb / 6P
Crimping tools
YC-065 ETC2-YC-065 Datasheet
70Kb / 6P
Crimping tools
YC-160R ETC2-YC-160R Datasheet
23Kb / 1P
The Quality Connection
More results

Descripción similar - YC-710

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
WC-260 ETC2-WC-260 Datasheet
232Kb / 8P
Crimping tools and machines
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
Tools and harnessing machines
HA35F LUMBERG-HA35F Datasheet
537Kb / 3P
Tools and harnessing machines
HA67 LUMBERG-HA67 Datasheet
667Kb / 3P
Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
Tools and harnessing machines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com