Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CP2102 Datasheet(PDF) 4 Page - Silicon Laboratories

No. de pieza CP2102
Descripción Electrónicos  SINGLE-CHIP USB-TO-UART BRIDGE
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SILABS [Silicon Laboratories]
Página de inicio  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2102 Datasheet(HTML) 4 Page - Silicon Laboratories

  CP2102 Datasheet HTML 1Page - Silicon Laboratories CP2102 Datasheet HTML 2Page - Silicon Laboratories CP2102 Datasheet HTML 3Page - Silicon Laboratories CP2102 Datasheet HTML 4Page - Silicon Laboratories CP2102 Datasheet HTML 5Page - Silicon Laboratories CP2102 Datasheet HTML 6Page - Silicon Laboratories CP2102 Datasheet HTML 7Page - Silicon Laboratories CP2102 Datasheet HTML 8Page - Silicon Laboratories CP2102 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CP2102/9
4
Rev. 1.8
1. System Overview
The CP2102/9 is a highly-integrated USB-to-UART Bridge Controller providing a simple solution for updating RS-
232 designs to USB using a minimum of components and PCB space. The CP2102/9 includes a USB 2.0 full-
speed function controller, USB transceiver, oscillator, EEPROM or EPROM, and asynchronous serial data bus
(UART) with full modem control signals in a compact 5 x 5 mm QFN-28 package. No other external USB
components are required.
The on-chip programmable ROM may be used to customize the USB Vendor ID, Product ID, Product Description
String, Power Descriptor, Device Release Number, and Device Serial Number as desired for OEM applications.
The programmable ROM is programmed on-board via the USB, allowing the programming step to be easily
integrated into the product manufacturing and testing process.
Royalty-free Virtual COM Port (VCP) device drivers provided by Silicon Laboratories allow a CP2102/9-based
product to appear as a COM port to PC applications. The CP2102/9 UART interface implements all RS-232
signals, including control and handshaking signals, so existing system firmware does not need to be modified. In
many existing RS-232 designs, all that is required to update the design from RS-232 to USB is to replace the RS-
232 level-translator with the CP2102/9. Direct access driver support is available through the Silicon Laboratories
USBXpress driver set.
An evaluation kit for the CP2102 (Part Number: CP2102EK) is available. The kit includes a CP2102-based USB-to-
UART/RS-232 evaluation board, a complete set of VCP device drivers, USB and RS-232 cables, and full
documentation. Contact a Silicon Labs sales representative or go to www.silabs.com to order the CP2102
Evaluation Kit. The CP2102 Evaluation Kit serves as an evaluation kit for both the CP2102 and CP2109.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26