| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
HC705RC16GRS/D Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC705RC16GRS/D Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 120 page ![]() General Description Mask Options MC68HC705RC16 — Rev. 3.0 General Release Specification General Description • Carrier Modulator Transmitter Supporting Baseband, Pulse Length Modulator (PLM), and Frequency Shift Keying (FSK) Protocols • Low-Power Reset Pin • 20 Bidirectional I/O Lines (Four Additional I/O Lines Available for Bond Out in 44-Lead PLCC Package) • Mask Programmable Pullups and Interrupt on Eight Port Pins (PB0–PB7) • High-Current Infrared (IR) Drive Pin • High-Current Port Pin (PC0) • Power-Saving Stop and Wait Modes • Mask Selectable Options: – COP Watchdog Timer – STOP Instruction Disable – Edge-Sensitive or Edge- and Level-Sensitive Interrupt Trigger – Port B Pullups for Keyscan 1.4 Mask Options The mask options on the MC68HC705RC16 are handled with 11 EPROM bits in two separate MOR registers, MOR1 and MOR2. These options are: • Eight port B pullups • IRQ sensitivity • STOP enable/disable • COP enable/disable ROM versions of this device will have these options programmed by the factory. NOTE: A line over a signal name indicates an active low signal. For example, RESET is active low. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |