Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L7810CV Datasheet(PDF) 35 Page - STMicroelectronics

No. de pieza L7810CV
Descripción Electrónicos  Positive voltage regulators
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7810CV Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L7810CV Datasheet HTML 31Page - STMicroelectronics L7810CV Datasheet HTML 32Page - STMicroelectronics L7810CV Datasheet HTML 33Page - STMicroelectronics L7810CV Datasheet HTML 34Page - STMicroelectronics L7810CV Datasheet HTML 35Page - STMicroelectronics L7810CV Datasheet HTML 36Page - STMicroelectronics L7810CV Datasheet HTML 37Page - STMicroelectronics L7810CV Datasheet HTML 38Page - STMicroelectronics L7810CV Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
L7800 series
Typical performance
35/47
1.
Application with high capacitance loads and an output voltage greater than 6 volts need an external diode
(see fig. 32) to protect the device against input short circuit. In this case the input voltage falls rapidly while
the output voltage decrease slowly. The capacitance discharges by means of the Base-Emitter junction of
the series pass transistor in the regulator. If the energy is sufficiently high, the transistor may be destroyed.
The external diode by-passes the current from the IC to ground.
Figure 36.
Protection against input short-circuit with high capacitance loads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47