Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT3MPR Datasheet(PDF) 11 Page - REAN

No. de pieza RT3MPR
Descripción Electrónicos  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REAN [REAN]
Página de inicio  https://www.rean-connectors.com/
Logo REAN - REAN

RT3MPR Datasheet(HTML) 11 Page - REAN

Back Button RT3MPR Datasheet HTML 7Page - REAN RT3MPR Datasheet HTML 8Page - REAN RT3MPR Datasheet HTML 9Page - REAN RT3MPR Datasheet HTML 10Page - REAN RT3MPR Datasheet HTML 11Page - REAN RT3MPR Datasheet HTML 12Page - REAN RT3MPR Datasheet HTML 13Page - REAN RT3MPR Datasheet HTML 14Page - REAN RT3MPR Datasheet HTML 15Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Or dering Information
Type No.
Mono 2 pole Stereo 3 pole
Description
Cable O.D.
1/4" plug & jack adapters
NYS 237
•
Mono plug adapter to mate standard 1/4" jacks, full metal
–
NYS 239
•
Stereo plug adapter to mate standard 1/4" jacks, full metal
–
NYS 236
•
Mono jack adapter to mate standard 1/4" plugs, full metal
–
NYS 238
•
Stereo jack adapter to mate standard 1/4" plugs, full metal
–
3.5 mm plugs
NYS 226
•
Metal handle with crimp strain relief
4 mm
NYS 226B
•
With black metal handle
4 mm
NYS 226BG
•
With black metal handle, gold plated contacts
4 mm
NYS 226G
•
With gold plated contacts
4 mm
NYS 226L
•
With large cable outlet
6 mm
NYS 227
•
3.5 mm plug to 1/4" stereo jack adapter, all metal
–
NYS 231
•
Metal handle with crimp strain relief
4 mm
NYS 231B
•
With black metal handle
4 mm
NYS 231BG
•
With black metal handle, gold plated contacts
4 mm
NYS 231G
•
With gold plated contacts
4 mm
NYS 231L
•
With large cable outlet
6 mm
Cable jacks
NYS 2202P
•
1/4" mono cable jack with metal handle
6 mm
NYS 2203P
•
1/4" stereo cable jack with metal handle
6 mm
NYS 240
•
3.5 mm stereo cable jack with metal handle
4 mm
NYS 240BG
•
With black metal handle, gold plated contacts
4 mm
NYS 240L
•
With large cable outlet
6 mm
Plugs
Plugs
Specification
Cable Jacks &
3.5 mm plugs
Adapters
Electrical
Rated current
depends on mating connector
depends on mating connector
Contact resistance
depends on mating connector
depends on mating connector
Insulation resistance
≥ 1 GΩ
≥ 1 GΩ
Dielectric strength
500 V dc
500 V dc
Mechanical
Lifetime
1`000 mating cycles
1`000 mating cycles
Solderability
complies with IEC68-2-20
complies with IEC68-2-20
Insertion/withdrawal force
≤ 20 N/≥ 10 N
complies with IEC68-2-20
Operating temperature
-25°C to +70°C
-25°C to +70°C
Material
Housing/handle - Zinc Diecast Ni/Au/black plated
3.5 mm plugs
•
- Brass, Ni/black plated
cable jacks
–
Insulation
Thermoplastic
Thermoplastic
Contacts
Brass, Ni/Au plated
Brass, Ni/Au plated
Strain relief
Crimp type SnCe plated
–
Part number coding:
B .... black handle
G.... gold plated contacts
AG .... all gold, gold plated contacts and shell
BG ... black handle, gold plated contacts
S .... silent switch
GT .... gold plated tip contact



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com