Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RT3MP Datasheet(PDF) 9 Page - REAN

No. de pieza RT3MP
Descripción Electrónicos  TINYxlr Cable Connectors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  REAN [REAN]
Página de inicio  https://www.rean-connectors.com/
Logo REAN - REAN

RT3MP Datasheet(HTML) 9 Page - REAN

Back Button RT3MP Datasheet HTML 5Page - REAN RT3MP Datasheet HTML 6Page - REAN RT3MP Datasheet HTML 7Page - REAN RT3MP Datasheet HTML 8Page - REAN RT3MP Datasheet HTML 9Page - REAN RT3MP Datasheet HTML 10Page - REAN RT3MP Datasheet HTML 11Page - REAN RT3MP Datasheet HTML 12Page - REAN RT3MP Datasheet HTML 13Page - REAN Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
Plugs
Plugs
Or dering Information
Type No.
Mono 2 pole Stereo 3 pole
Description
Cable O.D.
1/4" plugs short handle
NYS 201
•
Short turned metal handle
6 mm
NYS 202
•
Short turned metal handle
6 mm
1/4" plugs plastic handle
NYS 203
•
Plastic handle with flexible strain relief
6 mm
NYS 204
•
Plastic handle with flexible strain relief
6 mm
1/4" plugs right angle
NYS 207
•
Metal housing, plastic bushing
6 mm
NYS 207-2
•
Metal housing, red cover & plastic bushing
6 mm
NYS 208
•
Metal housing, plastic bushing
6 mm
1/4" plugs long handle
NYS 224
•
Long polished diecast handle, no rivet
6 mm
NYS 224AG
•
With gold plated handle and contacts
6 mm
NYS 224BG
•
With black metal handle, gold plated contacts
6 mm
NYS 224G
•
With gold plated contacts
6 mm
NYS 224GT
•
With gold plated tip contact
6 mm
NYS 224L
•
With large cable outlet
8 mm
NYS 224S
•
With tip switched to ground if not inserted (silent)
6 mm
NYS 224C-*
•
Diecast handle with coloured coding ring & rubber flex relief
6 mm
NYS 228
•
Stereo version of NYS 224
6 mm
NYS 228BG
•
With black metal handle, gold plated contacts
6 mm
NYS 228G
•
With gold plated contacts
6 mm
NYS 228GT
•
With gold plated tip contact
6 mm
*) 0 - black, 2 - red, 4 - yellow, 5 - green, 6 - blue
1/4" plugs with large shell for speaker cables
NYS 225
•
Large metal handle, rubber bushing
8 mm
NYS 225B
•
With black metal handle
8 mm
NYS 225L
•
With large cable outlet
9 mm
NYS 225S
•
With tip switched to ground if not inserted (silent)
8 mm
Specification
Phone
plugs
Electrical
Rated current and contact resistance
depends on mating connector
Insulation resistance
≥ 1 GΩ
Dielectric strength
500 V dc
Mechanical
Lifetime
1`000 mating cycles
Solderability
complies with IEC68-2-20
Operating temperature
-20°C to +70°C
Material
Housing/handle
Zinc Diecast, Ni/Au/black plated
• (NYS 203/204 ABS)
Insulation
Thermoplastic
Contacts
Brass, Ni/Au plated
Strain relief
Crimp type SnCe plated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24