| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PTH05060YAST Datasheet(PDF) 3 Page - Artesyn Technologies |
|
|
|||||||||||||||||||||||||||||
PTH05060YAST Datasheet(HTML) 3 Page - Artesyn Technologies |
|
3 / 4 page ![]() For the most current data and application support visit www.artesyn.com/powergroup/products.htm DC-DC CONVERTERS Non-isolated DDR/QDR Memory Bus Termination Module 3 NEW Product File Name: pthxx060y.pdf Rev (02): 19 Dec 2005 PTHxx060Y 3.3/5/12 Vin Single Output OUTPUT CURRENT (A) 50 60 70 80 90 100 02 4 6 8 10 3.3V 5.0V 12.0V Vin Nat conv 100 LFM 200 LFM 0 2 4 6 8 10 0 10 20 30 40 50 60 70 80 AMBIENT TEMPERATURE (ºC) 12 Figure 3 - Efficiency vs Load Current VREF = 1.25 V (See Note B) Figure 1 - Safe Operating Area Vin = 5.0 V, VREF = 1.25 V, Iout = 10 A (See Note A) N No otte es s A The SOA curves represent the conditions at which internal components are within the Artesyn derating guidelines. B Characteristic data has been developed from actual products tested at 25 °C. This data is considered typical data for the converter. 8 9 10 Q1 BSS138 (Optional) 1 k 1 k 1 % 1 % GND Vin Standby V DDQ Cin (Required) 1 2 + PTHxx060Y (Top View) 4 5 3 6 7 SSTL-2 Data/ Address/ Bus Co1 Low-ESR (Required) Co2 Ceramic (Optional) Con hf-Ceramic V tt V REF + Figure 4 - Standard Application Nat conv 100 LFM 200 LFM 0 2 4 10 0 10 20 30 40 50 60 70 80 6 8 AMBIENT TEMPERATURE (ºC) 14 Figure 2 - Safe Operating Area Vin = 12 V, VREF = 1.25 V, Iout = 10 A (See Note A) |