Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74HC5555 Datasheet(PDF) 8 Page - NXP Semiconductors

No. de pieza 74HC5555
Descripción Electrónicos  Programmable delay timer with oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC5555 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC5555 Datasheet HTML 4Page - NXP Semiconductors 74HC5555 Datasheet HTML 5Page - NXP Semiconductors 74HC5555 Datasheet HTML 6Page - NXP Semiconductors 74HC5555 Datasheet HTML 7Page - NXP Semiconductors 74HC5555 Datasheet HTML 8Page - NXP Semiconductors 74HC5555 Datasheet HTML 9Page - NXP Semiconductors 74HC5555 Datasheet HTML 10Page - NXP Semiconductors 74HC5555 Datasheet HTML 11Page - NXP Semiconductors 74HC5555 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
September 1993
8
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: parallel outputs, bus driver; serial output, standard ICC category: MSI.
DC CHARACTERISTICS FOR 74HC
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85 −40 to +125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN MAX
MIN
MAX
VOH
HIGH level
output voltage
Q and Q
outputs
1.9
4.4
5.9
2
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
V
V
2.0
4.5
6.0
Io = −20 µA
VOH
HIGH level
output voltage
Q and Q
outputs
3.98
5.48
4.32
5.81
3.84
5.34
3.7
5.2
V
V
4.5
6.0
Io = −6.0 mA
Io = −7.8 mA
VOH
HIGH level
output voltage
Q and Q
outputs
3.3
4.8
3
4.5
2.7
4.2
V
V
4.5
6.0
Io = −20 mA
Io = −20 mA
VOL
LOW level
output voltage
Q and Q
outputs
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
V
V
2.0
4.5
6.0
Io = 20 µA
VOL
LOW level
output voltage
Q and Q
outputs
0.15
0.15
0.26
0.26
0.33
0.33
0.40
0.40
V
V
4.5
6.0
Io = 6.0 mA
Io = 7.8 mA
VOL
LOW level
output voltage
Q and Q
outputs
0.9
0.9
1.14
1.14
1.34
1.34
V
V
4.5
6.0
Io = 20 mA
Io = 25 mA
VIH
HIGH level
input voltage
RS input
1.7
3.6
4.8
1.7
3.6
4.8
1.7
3.6
4.8
V
V
V
2
4.5
6.0
VIL
LOW level
input voltage
RS input
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
V
V
2.0
4.5
6.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com