Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M95128-R Datasheet(PDF) 17 Page - STMicroelectronics

No. de pieza M95128-R
Descripción Electrónicos  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-R Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M95128-R Datasheet HTML 13Page - STMicroelectronics M95128-R Datasheet HTML 14Page - STMicroelectronics M95128-R Datasheet HTML 15Page - STMicroelectronics M95128-R Datasheet HTML 16Page - STMicroelectronics M95128-R Datasheet HTML 17Page - STMicroelectronics M95128-R Datasheet HTML 18Page - STMicroelectronics M95128-R Datasheet HTML 19Page - STMicroelectronics M95128-R Datasheet HTML 20Page - STMicroelectronics M95128-R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
6.5
Read from Memory array (READ)
As shown in Figure 12, to send this instruction to the device, Chip select (S) is first driven low. The bits of the
instruction byte and address bytes are then shifted in, on Serial data input (D). The address is loaded into an
internal address register, and the byte of data at that address is shifted out, on Serial data output (Q).
Figure 12. Read from Memory array (READ) sequence
C
D
S
Q
15
2
1
3 4 5 6 7 8 9 10
20 21 22 23 24 25 26 27
14 13
3 2 1 0
28 29 30
7 6 5 4 3
1
7
0
High Impedance
Data Out 1
Instruction
16-Bit Address
0
MSB
MSB
2
31
Data Out 2
Note:
Depending on the memory size, as shown in Table 5. Significant bits within the address bytes, the most
significant address bits are Don’t care.
If Chip select (S) continues to be driven low, the internal address register is incremented automatically, and the
byte of data at the new address is shifted out.
When the highest address is reached, the address counter rolls over to zero, allowing the Read cycle to be
continued indefinitely. The whole memory can, therefore, be read with a single READ instruction.
The Read cycle is terminated by driving Chip select (S) high. The rising edge of the Chip select (S) signal can
occur at any time during the cycle.
The instruction is not accepted, and is not executed, if a Write cycle is currently in progress.
M95128-W M95128-R M95128-DF
Read from Memory array (READ)
DS1356 - Rev 20
page 17/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48