Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L9305QFP-TR Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza L9305QFP-TR
Descripción Electrónicos  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305QFP-TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9305QFP-TR Datasheet HTML 9Page - STMicroelectronics L9305QFP-TR Datasheet HTML 10Page - STMicroelectronics L9305QFP-TR Datasheet HTML 11Page - STMicroelectronics L9305QFP-TR Datasheet HTML 12Page - STMicroelectronics L9305QFP-TR Datasheet HTML 13Page - STMicroelectronics L9305QFP-TR Datasheet HTML 14Page - STMicroelectronics L9305QFP-TR Datasheet HTML 15Page - STMicroelectronics L9305QFP-TR Datasheet HTML 16Page - STMicroelectronics L9305QFP-TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
4.6
Input / output electrical specifications
4.75 V ≤ VDD ≤ 5.5 V; 5.5 ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noted. All voltages refer to GNDA
pin.
Table 7. Digital input/output electrical performance
Symbol
Parameter
Test condition
Min
Typ Max Unit
Pin
EN_DR_low
Logic input low detection
–
–
–
0.75
–
EN_DR
EN_DR_high
Logic Input high detection
–
1.75
–
–
V
EN_DR
EN_DR_hyst
Input hysteresis voltage
–
0.1
–
–
V
EN_DR
EN_DR_pd
Inter pull down resistance
VIN < 3V
10
38
70
kΩ
EN_DR
EN_DR_deglitch
EN_DR deglitch filter
Guaranteed by scan
9
12
µs
EN_DR
EN_DR_test_low
Logic input low detection
–
–
–
6
–
EN_DR
EN_DR_test_high
Logic input high detection
–
9
–
–
V
EN_DR
EN_DR_test_hyst
Input hysteresis voltage
–
0.1
–
–
V
EN_DR
INx_DISx_low
Logic Input low detection
–
–
–
0.75
V
INx_DISx
INx_DISx_high
Logic input high detection
–
1.75
–
–
V
INx_DISx
INx_DISx_hyst
Input hysteresis voltage
–
0.1
–
–
V
INx_DISx
INx_DISx_pd
Inter pull down resistance
VIN < 3V
10
38
70
kΩ
INx_DISx
INx_DISx_deglitch_SW Actuation deglitch in SW mode
Guaranteed by scan
3
3.5
3.9
µs
INx_DISx
INx_DISx_deglitch_HW Disable deglitch in HW mode
Guaranteed by scan
1.2
1.5
1.7
µs
INx_DISx
RESn_low
Logic input low detection
–
–
–
0.75
–
RESn
RESn_high
Logic input high detection
–
1.75
–
–
V
RESn
RESn_hyst
Input hysteresis voltage
–
0.1
–
–
V
RESn
RESn_pd
Inter pull down resistance
VIN < 2.5V
10
38
70
kΩ
RESn
RESn_deglitch
RESn deglitch filter
Guaranteed by scan
4.5
5
7
µs
RESn
FAULTn_Ileak
Leakage current in tri-state
condition
–
–
–
10
–
FAULTn
FAULTn_low
Logic low level
Ext pull-up 4.7k to VDDIO
–
–
0.4
–
FAULTn
FAULTn_high
Logic high level
Ext pull-up 4.7k to VDDIO
VDDIO-0.4
–
–
V
FAULTn
FAULTn_trise
FAULTn rise time
Ext pull-up 4.7k to VDDIO,
Cload=20pF,tested by correlation
–
–
100
ns
FAULTn
FAULTn_tfall
FAULTn fall time
Ext pull-up 4.7k to VDDIO,
Cload=20pF
–
–
100
ns
FAULTn
L9305
Input / output electrical specifications
DS12774 - Rev 8
page 13/107