Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L78L33CD-TR Datasheet(PDF) 28 Page - STMicroelectronics

No. de pieza L78L33CD-TR
Descripción Electrónicos  Positive voltage regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L33CD-TR Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L78L33CD-TR Datasheet HTML 24Page - STMicroelectronics L78L33CD-TR Datasheet HTML 25Page - STMicroelectronics L78L33CD-TR Datasheet HTML 26Page - STMicroelectronics L78L33CD-TR Datasheet HTML 27Page - STMicroelectronics L78L33CD-TR Datasheet HTML 28Page - STMicroelectronics L78L33CD-TR Datasheet HTML 29Page - STMicroelectronics L78L33CD-TR Datasheet HTML 30Page - STMicroelectronics L78L33CD-TR Datasheet HTML 31Page - STMicroelectronics L78L33CD-TR Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
Table 27. SOT-89 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
1.40
1.60
B
0.44
0.56
B1
0.36
0.48
C
0.35
0.44
C1
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
D3
0.90
E
2.29
2.60
e
1.42
1.57
e1
2.92
3.07
H
3.94
4.25
H1
2.70
3.10
K
1°
8°
L
0.89
1.20
R
0.25
β
90°
L78L
SOT-89 package information
DS0424 - Rev 28
page 28/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40