| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ER-4B-R2-3-CQ-A5 Datasheet(PDF) 1 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
ER-4B-R2-3-CQ-A5 Datasheet(HTML) 1 Page - DB Lectro Inc |
|
1 / 3 page ![]() 12 B ES40-R Sealed Sub-Miniature Rocker Switches FEATURES SPECIFICATIONS MATERIALS (A) ER 4 R 2 2 C A5 S R Actuator Vertical support Bracket SP on-none-on SP on-none-(on) SP on-off-on SP (on)-off-(on) SP on-off-(on) DP on-none-on DP on-none-(on) DP on-off-on DP (on)-off-(on) DP on-off-(on) Contact Material Q silver plated R gold plated G gold over silver K gold / tin-lead 1. Sealed construction - internal actuator o-ring and epoxy terminal seal standard 2. IP67 protection Degree CONTACT RATING:R- 0.4 VA max @ 20 V AC or DC ELECTRICAL LIFE:30,000 make-and-break cycles at full load CONTACT RESISTANCE: 20 m max. initial @2-4 VDC,100 mA INSULATION RESISTANCE: 1,000 M min. DIELECTRIC STRENGTH: 1,500 V RMS @ sea level. DEGREE OF PROTECTION : IP67 OPERATING TEMPERATURE: -30 Cto85 C CASE and BUSHING - glass filled nylon ,6/6 flame retardant heat stabilized (UL94V-0 ) Actuator - Nylon,black standard. Internal o-ring seal standard with all actuator. CONTACT AND TERMINAL - Copper alloy , gold plated SWITCH SUPPORT - Brass , tin-lead TERMINAL SEAL - Epoxy How do you build the switches you need!! The ER-4 / ER-5 , please see the (A) ; The ER-6/ER-7/ER-8/ER-9, please see the (B) ER-4 ER-4B ER-4A ER-4H ER-4I ER-5 ER-5B ER-5A ER-5H ER-5I Switches Function R1 R2 Std. 7.62 Std. 5.84 Actuator Color 1 white 2 (std.) black 3 Red Termination C (std) P.C (none) A5S (std.) snap-in type A5 straight type (A) ES 6 R 2 2 R S Actuator Contact Material Q silver plated R gold plated G gold over silver K gold / tin-lead Actuator R1 R2 Std. 7.62 Std. 5.84 Actuator Color 1 white 2 (std.) black 3 Red Horizon Right Angle ER-6 ER-6B ER-6A ER-6H ER-6I ER-7 ER-7B ER-7A ER-7H ER-7I ER-8 ER-8B ER-8A ER-8H ER-8I ER-9 ER-9B ER-9A ER-9H ER-9I Switches Function Vertical Right Angle SP on-none-on SP on-none-(on) SP on-off-on SP (on)-off-(on) SP on-off-(on) DP on-none-on DP on-none-(on) DP on-off-on DP (on)-off-(on) DP on-off-(on) Support Bracket S (std.) snap-in type (none) straight type DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 DB LECTRO Inc. |
Número de pieza similar - ER-4B-R2-3-CQ-A5 |
|
Descripción similar - ER-4B-R2-3-CQ-A5 |