| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP30/25 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations |
|
|
|||||||||||||||||||||||||||||
FP30/25 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations |
|
|
1 / 1 page ![]() FP 30/25 Sample image Order symbol : FP 30/25 Product nr : 7720027 Description : Front plate (aluminium), for enclosures: Remarks : 314x260x95, 314x260x110, 320x260x129 EAN : 6418074033369 El. number : • Finland : 3422908 • Denmark : 8212016282 • Sweden : 2535012 Including : FP_30_25 Dimensions : Height Width Depth mm : 290 190 1 inch : 11.42 7.48 0.04 Materials : Material : Base colour : Cover colour : Gasket material : Temperatures : Temperature °C (short term) : Temperature °C (continuous) : Temperature °F (short term) : Temperature °F (continuous) : Rating : Ingress protection (EN 60529): Impact Resistance (EN 62262): Electrical insulation : Not insulated Halogen free (DIN/VDE 0472, Part 815): 0 UV resistance : - Flammability Rating : Glow Wire Test (IEC 695-2-1) °C : C NEMA Class Certificates : © Fibox Oy, Data subject to change without notice (printed: 19.01.2023) |
Número de pieza similar - FP30/25 |
|
Descripción similar - FP30/25 |