| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FP21/18 Datasheet(PDF) 1 Page - FIBOX Enclosing innovations |
|
|
|||||||||||||||||||||||||||||
FP21/18 Datasheet(HTML) 1 Page - FIBOX Enclosing innovations |
|
|
1 / 1 page ![]() FP 21/18 Sample image Order symbol : FP 21/18 Product nr : 7720026 Description : Front plate (aluminium), for enclosures: Remarks : 213x185x90, 213x185x102, 235x185x119 EAN : 6418074033352 El. number : • Finland : 3422906 • Denmark : 8212016240 • Sweden : 2535010 Including : FP_21_18 Dimensions : Height Width Depth mm : 207 119 1 inch : 8.15 4.69 0.04 Materials : Material : Base colour : Cover colour : Gasket material : Temperatures : Temperature °C (short term) : Temperature °C (continuous) : Temperature °F (short term) : Temperature °F (continuous) : Rating : Ingress protection (EN 60529): Impact Resistance (EN 62262): Electrical insulation : Not insulated Halogen free (DIN/VDE 0472, Part 815): 0 UV resistance : - Flammability Rating : Glow Wire Test (IEC 695-2-1) °C : C NEMA Class Certificates : © Fibox Oy, Data subject to change without notice (printed: 19.01.2023) |
Número de pieza similar - FP21/18 |
|
Descripción similar - FP21/18 |