| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
5331H7 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc |
|
|
|||||||||||||||||||||||||||||
5331H7 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc |
|
|
1 / 1 page ![]() DESCRIP TION A ND FE A T URES 5331H Series T-1 3/4 Vertical LED Assembly 1-127 Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product 147 Central Avenue Hackensack, New Jersey 07601 Tel: 201-489-8989 • Fax: 201-489-6911 CHICAGO MINIATURE LAMP, INC. WHERE INNOVATION COMES TO LIGHT EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S 585 563 650 3.0 3.0 3.0 2.2 2.2 2.1 5 5 5 60 60 60 Yellow Green Red (V ) Max. (V ) Typ. Continuous Forward Current Max. (mA) Revers e Breakdown Voltage Min. (V ) (nm) Wavelength Peak Forward V oltage Emitted Color Part Number 5331H1 5331H5 5331H7 Typical Intens ity (mcd) 68 100 160 20 20 20 Rated Current (mA) .1 .09 .1 Peak F orward Current at 1MS -300 P P S (A) Features •Block mounting design assures height and side-by-side spacing-alignment saves assembly costs. •Ultra Brite T-1 3/4 LED lamp, non-diffused narrow beam high intensity light. •Press-in mounting pin secures assembly to PC board for soldering. •Standoffs prevent flux entrapment. Housing: Black Nylon, UL94V-O Note: Alternate LEDs are also available in this package as a standard variation. Mounting hole pattern on page 1-X6. All dimensions in inches. OV E R LAY .750 .260 DIM "A" .100 .150 MIN. TOP P ANE L .130 MAX . FOR P OS T C LE ANING .020 S T AND-OF F PC B OAR D .220 MIN. Ø.290 ANODE (+) ANODE (+) |
Número de pieza similar - 5331H7 |
|
Descripción similar - 5331H7 |