| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSOP374..H Datasheet(PDF) 6 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
TSOP374..H Datasheet(HTML) 6 Page - Vishay Siliconix |
|
6 / 10 page ![]() TSOP372..H, TSOP374..H www.vishay.com Vishay Semiconductors Rev. 2.2, 30-Mar-2021 6 Document Number: 82622 THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 PACKAGE DIMENSIONS in millimeters ASSEMBLY INSTRUCTIONS Reflow Soldering • Reflow soldering must be done within 168 h while stored under a max. temperature of 30 °C, 60 % RH after opening the dry pack envelope • Set the furnace temperatures for pre-heating and heating in accordance with the reflow temperature profile as shown in the diagram. Exercise extreme care to keep the maximum temperature below 260 °C. The temperature shown in the profile means the temperature at the device surface. Since there is a temperature difference between the component and the circuit board, it should be verified that the temperature of the device is accurately being measured • Handling after reflow should be done only after the work surface has been cooled off Manual Soldering • Use a soldering iron of 25 W or less. Adjust the temperature of the soldering iron below 300 °C • Finish soldering within 3 s • Handle products only after the temperature has cooled off 4.3 ± 0.2 Pinning from Topview 0.75 ± 0.05 4 x 0.75 = 3 0.35 ± 0.05 (8 x) 1.5 3 (0.3) (3.25) Proposed pad layout from component side (dim. for reference only) (4.3) (0.35) 4 x 0.75 = 3 technical drawings according to DIN specifications All dimensions in mm Not indicated tolerances ± 0.1 Drawing-No.: 6.550-5316.01-4 Issue: 2; 12.02.14 (3 x) (0.45) 1 2 3 4 5 8 7 6 Marking area Pin 1 identification 0.475 Allowed offset outer edge of shield to solder pads of molded device ± 0.1 mm optically effective area (1) (1) (2) Pins connected internally. It is not necessary to connect externally. (2) (2) (2) (2) |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |