| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
N74F367D Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
N74F367D Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 10 page ![]() Philips Semiconductors Product specification 74F365, 74F366* 74F367, 74F368* Buffers/drivers 74F365, 74F367 Hex Buffer/Driver (3-State) 74F366, 74F368 Hex Inverter Buffer/Driver (3-State) 2 1999 Jan 08 853–0042 20616 * Discontinued part. Please see the Discontinued Products List. FEATURES • High-impedance NPN base inputs for reduced loading (20 µA in High and Low states) • High-speed • Bus oriented • 3-State buffer outputs sink 64mA TYPE TYPICAL PROPAGATION DELAY TYPICAL SUPPLY CURRENT (TOTAL) 74F365, 74F367 5.0ns 36mA 74F366, 74F368 5.0ns 33mA ORDERING INFORMATION DESCRIPTION COMMERCIAL RANGE V 5V ±10% PKG DWG # DESCRIPTION VCC = 5V ±10%, Tamb = 0°C to +70°C PKG DWG # 16-pin plastic DIP N74F365N, N74F367N SOT38-4 16-pin plastic SO N74F365D, N74F367D SOT109-1 INPUT AND OUTPUT LOADING AND FAN-OUT TABLE PINS DESCRIPTION 74F(U.L.) HIGH/LOW LOAD VALUE HIGH/LOW I0 - I5 Inputs 1.0/0.033 20 µA/20µA OE0, OE1 Output enable inputs (active Low) 1.0/0.033 20 µA/20µA Y0 - Y5, Y0 - Y5 Data Outputs 750/106.7 15mA/64mA NOTE: One (1.0) FAST Unit Load (U.L.) is defined as: 20 µA in the High state and 0.6mA in the Low state. PIN CONFIGURATION 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 OE1 I0 Y0 I1 Y1 I2 Y2 GND I5 Y5 I4 Y4 I3 Y3 VCC OE0 74F365 SF00899 LOGIC SYMBOL 10 6 4 VCC = Pin 16 GND = Pin 8 SF00900 5 3 1 OE0 15 2 14 12 OE1 Y0 Y1 I0 I1 I2 I3 I4 I5 Y2 Y3 Y4 Y5 9 7 13 11 74F365 LOGIC SYMBOL (IEEE/IEC) SF00901 2 4 14 6 EN 10 12 1 15 3 5 13 7 9 11 & 74F365 PIN CONFIGURATION 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 OE1 I0 Y0 I1 Y1 I2 Y2 GND I5 Y5 I4 Y4 I3 Y3 VCC OE0 74F366 SF00902 |