Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD6472BS Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD6472BS
Descripción Electrónicos  2 Pair/1 Pair ETSI Compatible HDSL Analog Front End
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD6472BS Datasheet(HTML) 8 Page - Analog Devices

  AD6472BS Datasheet HTML 1Page - Analog Devices AD6472BS Datasheet HTML 2Page - Analog Devices AD6472BS Datasheet HTML 3Page - Analog Devices AD6472BS Datasheet HTML 4Page - Analog Devices AD6472BS Datasheet HTML 5Page - Analog Devices AD6472BS Datasheet HTML 6Page - Analog Devices AD6472BS Datasheet HTML 7Page - Analog Devices AD6472BS Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD6472
–8–
REV. 0
80-Lead Metric Plastic Quad Flatpack
S-80A
SEATING
PLANE
0.134 (3.40)
MAX
0.041 (1.03)
0.029 (0.73)
0.004 (0.10)
MAX
0.120 (3.05)
0.100 (2.55)
0.010 (0.25)
MIN
0.015 (0.38)
0.009 (0.22)
0.690 (17.45)
0.667 (16.95)
0.555 (14.10)
0.547 (13.90)
1
20
21
41
40
60
61
80
0.486 (12.35) BSC
TOP VIEW
(PINS DOWN)
0.026 (0.65)
BSC
PCB Layout Recommendations
Analog and Digital
Separate the analog and digital grounds.
Ground Planes
Use a single 35 to 50 mil wide trace un-
der the device to connect the two ground
planes. Connect the IC ground pins
directly to the respective ground planes.
Power Supply
Use one 0.1
µF capacitor for each IC de-
Capacitors
coupling power supply connection in addi-
tion to capacitance shown in schematic.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
tSU
12ns
tH
10ns
2
SCLK
SFRAME
SDATA
D6
MSB
D5
D4
D3
D2
D0
D1
X
XX
X
X
X
X
X
D6
MSB
D5
D4
1. THE RISING EDGE OF SFRAME CAN OCCUR ANYWHERE. SFRAME MUST BE AT LEAST ONE CLOCK CYCLE WIDE.
2. SFRAME FALLING EDGE MUST OCCUR BEFORE THE SCLK RISING EDGE THAT CAPTURED THE SERIAL LSB.
THIS ENSURES CORRECT LOADING INTO THE DAC.
FULL SCALE
MID-SCALE
MINIMUM
OUTPUT
1111111
1000000
0000000
WORD
VOLTAGE
4.5
2.5
0.5
1
THE FIRST 7 BITS OF THE 16-BIT SERIAL WORD ARE THE INPUT TO THE TR DAC, MSB FIRST. THE NUMBER
SYSTEM IS TWOS COMPLEMENT, AS FOLLOWS:
X
Figure 6. Timing Recovery DAC Converter Timing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com