| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MMBD2004 Datasheet(PDF) 1 Page - Weitron Technology |
|
|
|||||||||||||||||||||||||||||
MMBD2004 Datasheet(HTML) 1 Page - Weitron Technology |
|
1 / 3 page ![]() Surface Mount Switching Diode Features: MMBD2004/C/A/S WEITRON SWITCHING DIODE 225mAMPERS 300VOLTS SOT-23 Outline Dimensions SOT-23 Unit:mm Dim A B C D E G H J K L M Min 0.35 1.19 2.10 0.85 0.46 1.70 2.70 0.01 0.89 0.30 0.076 Max 0.51 1.40 3.00 1.05 1.00 2.10 3.10 0.13 1.10 0.61 0.25 A B D E G M L H J TOP VIEW K C http://www.weitron.com.tw 1 2 3 *Fast Switching Speed *Surface Mount Package Ideally *High Conductance *For General Purpose Switching Applications Mechanical Data: *Case: SOT-23 Molded Plastic *Terminals: Solderable Per MIL-STD-202, Method 208 *Polarity: See Eqivalent Circuit Diagram *Weight: 0.008grams(approx) Suited for Automatic Insertion |
Número de pieza similar - MMBD2004 |
|
Descripción similar - MMBD2004 |