Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCW Datasheet(PDF) 3 Page - C&K Components

No. de pieza LCW
Descripción Electrónicos  Subminiature Sealed Snap-acting Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CK-COMPONENTS [C&K Components]
Página de inicio  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

LCW Datasheet(HTML) 3 Page - C&K Components

  LCW Datasheet HTML 1Page - C&K Components LCW Datasheet HTML 2Page - C&K Components LCW Datasheet HTML 3Page - C&K Components LCW Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LCW Series
Subminiature Sealed Snap-acting Switches
ACTUATOR
P00
T07
T00
T13
T05
J
J–46
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
S26
Actuator
Option Code
A
B
C
D
E
Differential
Motion (max)
Operating
Force (Max)
Release
Force (Min)
Length of
Lever
Overtravel
(min)
Pretravel
(max)
Operating
Position
Free Position
(max)
P00
Not Appli-
cable
0.6
1
8.7±0.3
9.4
0.9
203
30
T00
12
0.6
4.9
8.8±1.2
12.5
1
100
15
T05
17.5
0.6
5.7
8.8±1.5
13
1.2
90
10
T07
19.5
0.6
6.2
8.8±1.5
13.5
1.2
70
10
T13
25.6
1
4.7
8.8-11.24
13.5
1.5
54
5
S26
18.6
0.6
4.6
10.7±1.2
14.1
1.5
68
5
NEW
26 Feb 19
E
B
C
D
E
D
C
B
D
C
E
D
C
E
11.9
0.2 REF
17.4
5.1 REF
33.3
20.95 REF
40.7
28.35 REF
55.9
43.55 REF
19.4
7.15 REF
25.5
13.3.2 REF
18.6
6.1 REF
17.2
4.4 REF
4.9
Dimensions are in mm and force in grams



Html Pages

1 2 3 4