Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SP6222 Datasheet(PDF) 13 Page - Sipex Corporation

No. de pieza SP6222
Descripción Electrónicos  50mA and 150mA CMOS Linear Regulators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SIPEX [Sipex Corporation]
Página de inicio  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6222 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6222 Datasheet HTML 6Page - Sipex Corporation SP6222 Datasheet HTML 7Page - Sipex Corporation SP6222 Datasheet HTML 8Page - Sipex Corporation SP6222 Datasheet HTML 9Page - Sipex Corporation SP6222 Datasheet HTML 10Page - Sipex Corporation SP6222 Datasheet HTML 11Page - Sipex Corporation SP6222 Datasheet HTML 12Page - Sipex Corporation SP6222 Datasheet HTML 13Page - Sipex Corporation SP6222 Datasheet HTML 14Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
Date: 6/15/06 Rev AB
SP6222/6223 50/150mA CMOS Linear Regulators
© 2006 Sipex Corporation
PACKAGE: 5 PIN SOT-23
FRONT VIEW
L
ø1
Gauge Plane
L2
c
R
R1
ø1
ø
Seating
Plane
D
E
E/2
e1
3
2
1
b
e
E1
E1/2
5
4
Pin1 Designator
to be within this
INDEX AREA
(D/2 x E1/2)
TOP VIEW
(L1)
D/2
SIDE VIEW
A
A1
A2
Seating
Plane
MIN
NOM
MAX
MIN
NOM
MAX
A
-
-
1.45
-
-
0.057
A1
0.00
-
0.15
0.000
-
0.006
A2
0.90
1.15
1.30
0.036
0.045
0.051
c
0.08
-
0.22
0.004
-
0.009
D
E
E1
L
0.30
0.45
0.60
0.012
0.018
0.024
L1
L2
R
0.10
-
-
0.004
-
-
R1
0.10
-
0.25
0.004
-
0.010
Ø
0º4º8º
0º
4º
8º
ø1
5º
10º
15º
5º
10º
15º
b
0.30
-
0.50
0.012
-
0.020
e
e1
SIPEX Pkg Signoff Date/Rev:
JL Oct3-05 / Rev A
0.075 BSC
5 Pin SOT-23
JEDEC MO-178
Variation AA
SYMBOL
Dimensions in Millimeters:
Controlling Dimension
Dimensions in Inches
Conversion Factor:
1 Inch = 25.40 mm
2.80 BSC
2.90 BSC
0.115 BSC
1.60 BSC
0.25 BSC
0.111 BSC
0.063 BSC
0.024 REF
0.010 BSC
1.90 BSC
0.038 BSC
0.95 BSC
0.60 REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com