| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EM78P813 Datasheet(PDF) 7 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM78P813 Datasheet(HTML) 7 Page - ELAN Microelectronics Corp |
|
7 / 65 page ![]() EM78P813 8-bit OTP Micro-controller __________________________________________________________________________________________________________________________________________________________________ * This specification is subject to change without notice. 7 2004/8/19 (V1.6) V. Functional Block Diagram Program ROM DATA ROM DATA RAM MCU PLL FSK Decoder Dual Tone Generator DTMF Receiver Energy Detector Comparator Serial IO (SPI/UART) LCD RAM Current DA CW Decoder VDD AVDD Voltage Regulator X 2 Charge Pump V1~V5 Generator & driving ability control LCD driver COM&SEG 2.7 V DTMF signal FSK signal CAS TONE Analog input Data FSK DTMF CAS signal DAOUT VSS AVSS Fig.2 Block diagram1 Xin Xout PLLC Oscillator timing control Control sleep and wake-up on I/O port R1(TCC) WDT timer prescalar GENERAL RAM R4 Interruption control ROM Instruction register Instruction decoder R2 STACK ALU ACC R3 R5 DATA & CONTROL BUS DATA RAM DATA ROM PORT6 IOC6 R6 P60~P67 PORT7 IOC7 R7 P70~P77 FSK DECODER DTM F receiver DUAL TONE GENERATOR KEY TONE SERIAL I/O COM PARATOR FSK DECODER DTM F receiver DUAL TONE GENERATOR KEY TONE SERIAL I/O COM PARATOR CURRENT DA PORT8 IOC8 R8 P80~P87 PORT9 IOC9 R9 P90~P97 PORTB IOCB RB PB0~PB7 PORTC IOCC RC PC0~PC7 Call waiting decoder Energy Detector PORTD IOCD RD PD0~PD2 LCD RAM Fig.3 Block diagram2 |