| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP9601TE/MX Datasheet(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP9601TE/MX Datasheet(HTML) 29 Page - Microchip Technology |
|
29 / 57 page ![]() 2015-2021 Microchip Technology Inc. DS20005426G-page 29 MCP960X/L0X/RL0X 5.1 Thermocouple Temperature Sensor Registers This device integrates three Temperature registers that are used to read the cold and hot-junction temperatures, and the sum of the two junctions to output the absolute thermocouple temperature. In addition, the Raw ADC Data register, which is used to derive the thermocouple temperature, is available. The following sections describe each register in detail. 5.1.1 THERMOCOUPLE TEMPERATURE REGISTER (TH) This register contains the cold-junction compensated and error-corrected thermocouple temperature in degree Celsius. The temperature data from this register is the absolute Thermocouple Hot-Junction temperature, TH, to the specified accuracy (see Section 1.0 “Electrical Characteristics”. TH is the sum of the values in the TΔ and TC registers, as shown in Figure 5-2. EQUATION 5-1: TEMPERATURE CONVERSION The temperature bits are in two’s complement format; therefore, positive temperature data and negative temperature data are computed differently. Equation 5-1 shows how to convert the binary data to temperature in degree Celsius. FIGURE 5-2: Thermocouple Temperature Register Block Diagram. Temperature 0°C TH = (UpperByte x 16 + LowerByte/16) Temperature 0°C TH = (UpperByte x 16 + LowerByte/16) – 4096 VIN+ VIN- Temperature Sensor Core ADC Core Delta-Sigma 18-Bit Error Corrected Temperature ADC Thermocouple Temperature TC TH TΔ REGISTER 5-2: THERMOCOUPLE TEMPERATURE REGISTER - TH (READ-ONLY) R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 SIGN 1024°C 512°C 256°C 128°C 64°C 32°C 16°C bit 15 bit 8 R-0 R-0 R-0 R-0 R-0 R-0 R-0 R-0 8°C 4°C 2°C 1°C 0.5°C 0.25°C 0.125°C 0.0625°C bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 15-0 TH: Data in Two’s Complement Format. Bit 15 is the sign bit and it is set when the temperature data is less than 0°C. This register contains the error corrected and cold-junction compensated thermocouple temperature. |