| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MCP96L00TTE/MX Datasheet(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP96L00TTE/MX Datasheet(HTML) 39 Page - Microchip Technology |
|
39 / 57 page ![]() 2015-2021 Microchip Technology Inc. DS20005426G-page 39 MCP960X/L0X/RL0X 5.3.2 ALERT HYSTERESIS REGISTER This device integrates four individually controlled temperature Alert Hysteresis registers for each alert output, with a range of 0°C to +255°C. The alert hysteresis directions are set using bit 3 of the corresponding Alert Configuration registers (Register 5-10) to detect rising or falling temperatures. For rising temperatures, the hysteresis range is below the alert limit where, as for falling temperatures, the hysteresis range is above the alert limit, as shown in Figure 5-10. FIGURE 5-10: Graphical Description of Alert Output Hysteresis Direction. TABLE 5-5: ALERT HYSTERESIS REGISTERS Register Register Pointer Alert 1 Hysteresis – THYST1 0000 1100 Alert 2 Hysteresis – THYST2 0000 1101 Alert 3 Hysteresis – THYST3 0000 1110 Alert 4 Hysteresis – THYST4 0000 1111 REGISTER 5-10: THYSTx: ALERT 1, 2, 3 AND 4 HYSTERESIS REGISTERS R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 R/W-0 128°C 64°C 32°C 16°C 8°C 4°C 2°C 1°C bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7-0 Alert Hysteresis: Alert Hysteresis Range 0x00 to 0xFF bits (which represents +1°C to +255°C) Cold Hot Hy ste res is Cold Hot Hy ste res is TALERT THYST TALERT THYST Rising Temperature Falling Temperature Alert Output Cold Hot Hy ste res is TALERT THYST Rising Temperature Cold Hot Hy ste res is TALERT THYST Falling Temperature Alert Output Alert Output Alert Output |