| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EP2016 Datasheet(PDF) 4 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
EP2016 Datasheet(HTML) 4 Page - Hammond Manufacturing Ltd. |
|
4 / 4 page ![]() Data subject to change without notice ANSI 61 Gray RAL 7035 Light Gray Enclosure Latch Optional Inner Panel Part No. Part No. H W D Type Part No. H W EN4SD723612GY EN4SD723612LG 72.00 36.00 12.00 C EP7236 70.20 34.20 EN4SD242016GY EN4SD242016LG 24.00 20.00 16.00 A EP2420 22.20 18.20 EN4SD242416GY EN4SD242416LG 24.00 24.00 16.00 A EP2424 22.20 22.20 EN4SD302416GY EN4SD302416LG 30.00 24.00 16.00 A EP3024 28.20 22.20 EN4SD362416GY EN4SD362416LG 36.00 24.00 16.00 A EP3624 34.20 22.20 EN4SD422416GY EN4SD422416LG 42.00 24.00 16.00 B EP4224 40.20 22.20 EN4SD363016GY EN4SD363016LG 36.00 30.00 16.00 A EP3630 34.20 28.20 EN4SD363616GY EN4SD363616LG 36.00 36.00 16.00 A EP3636 34.20 34.20 EN4SD423016GY EN4SD423016LG 42.00 30.00 16.00 B EP4230 40.20 28.20 EN4SD423616GY EN4SD423616LG 42.00 36.00 16.00 B EP4236 40.20 34.20 EN4SD483016GY EN4SD483016LG 48.00 30.00 16.00 B EP4830 46.20 28.20 EN4SD483616GY EN4SD483616LG 48.00 36.00 16.00 B EP4836 46.20 34.20 EN4SD603616GY EN4SD603616LG 60.00 36.00 16.00 B EP6036 58.20 34.20 EN4SD723016GY EN4SD723016LG 72.00 30.00 16.00 C EP7230 70.20 28.20 EN4SD723616GY EN4SD723616LG 72.00 36.00 16.00 C EP7236 70.20 34.20 EN4SD242420GY EN4SD242420LG 24.00 24.00 20.00 A EP2424 22.20 22.20 EN4SD302420GY EN4SD302420LG 30.00 24.00 20.00 A EP3024 28.20 22.20 EN4SD363020GY EN4SD363020LG 36.00 30.00 20.00 A EP3630 34.20 28.20 EN4SD483620GY EN4SD483620LG 48.00 36.00 20.00 B EP4836 46.20 34.20 EN4SD603620GY EN4SD603620LG 60.00 36.00 20.00 B EP6036 58.20 34.20 EN4SD723020GY EN4SD723020LG 72.00 30.00 20.00 C EP7230 70.20 28.20 EN4SD302424GY EN4SD302424LG 30.00 24.00 24.00 A EP3024 28.20 22.20 EN4SD723024GY EN4SD723024LG 72.00 30.00 24.00 C EP7230 70.20 28.20 Alternative inner panel options also available. Tags: wallmount, wall-mount, steel, Type 4, NEMA 4, Eclipse, hinge door © 2023. Hammond Manufacturing Ltd. All rights reserved. |