| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EP2012 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd. |
|
|
|||||||||||||||||||||||||||||
EP2012 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd. |
|
3 / 4 page ![]() ANSI 61 Gray RAL 7035 Light Gray Enclosure Latch Optional Inner Panel Part No. Part No. H W D Type Part No. H W EN4SD30208GY EN4SD30208LG 30.00 20.00 8.00 A EP3020 28.20 18.20 EN4SD30248GY EN4SD30248LG 30.00 24.00 8.00 A EP3024 28.20 22.20 EN4SD30308GY EN4SD30308LG 30.00 30.00 8.00 A EP3030 28.20 28.20 EN4SD30368GY EN4SD30368LG 30.00 36.00 8.00 A EP3036 28.20 34.20 EN4SD36248GY EN4SD36248LG 36.00 24.00 8.00 A EP3624 34.20 22.20 EN4SD36308GY EN4SD36308LG 36.00 30.00 8.00 A EP3630 34.20 28.20 EN4SD36368GY EN4SD36368LG 36.00 36.00 8.00 A EP3636 34.20 34.20 EN4SD42248GY EN4SD42248LG 42.00 24.00 8.00 B EP4224 40.20 22.20 EN4SD42308GY EN4SD42308LG 42.00 30.00 8.00 B EP4230 40.20 28.20 EN4SD42368GY EN4SD42368LG 42.00 36.00 8.00 B EP4236 40.20 34.20 EN4SD48248GY EN4SD48248LG 48.00 24.00 8.00 B EP4824 46.20 22.20 EN4SD48308GY EN4SD48308LG 48.00 30.00 8.00 B EP4830 46.20 28.20 EN4SD48368GY EN4SD48368LG 48.00 36.00 8.00 B EP4836 46.20 34.20 EN4SD60368GY EN4SD60368LG 60.00 36.00 8.00 B EP6036 58.20 34.20 EN4SD161210GY EN4SD161210LG 16.00 12.00 10.00 A EP1612 14.20 10.20 EN4SD161610GY EN4SD161610LG 16.00 16.00 10.00 A EP1616 14.20 14.20 EN4SD162010GY EN4SD162010LG 16.00 20.00 10.00 A EP1620 14.20 18.20 EN4SD201610GY EN4SD201610LG 20.00 16.00 10.00 A EP2016 18.20 14.20 EN4SD202010GY EN4SD202010LG 20.00 20.00 10.00 A EP2020 18.20 18.20 EN4SD202410GY EN4SD202410LG 20.00 24.00 10.00 A EP2024 18.20 22.20 EN4SD241210GY EN4SD241210LG 24.00 12.00 10.00 A EP2412 22.20 10.20 EN4SD241610GY EN4SD241610LG 24.00 16.00 10.00 A EP2416 22.20 14.20 EN4SD242010GY EN4SD242010LG 24.00 20.00 10.00 A EP2420 22.20 18.20 EN4SD242410GY EN4SD242410LG 24.00 24.00 10.00 A EP2424 22.20 22.20 EN4SD243010GY EN4SD243010LG 24.00 30.00 10.00 A EP2430 22.20 28.20 EN4SD302010GY EN4SD302010LG 30.00 20.00 10.00 A EP3020 28.20 18.20 EN4SD302410GY EN4SD302410LG 30.00 24.00 10.00 A EP3024 28.20 22.20 EN4SD303010GY EN4SD303010LG 30.00 30.00 10.00 A EP3030 28.20 28.20 EN4SD362410GY EN4SD362410LG 36.00 24.00 10.00 A EP3624 34.20 22.20 EN4SD363010GY EN4SD363010LG 36.00 30.00 10.00 A EP3630 34.20 28.20 EN4SD363610GY EN4SD363610LG 36.00 36.00 10.00 A EP3636 34.20 34.20 EN4SD422410GY EN4SD422410LG 42.00 24.00 10.00 B EP4224 40.20 22.20 EN4SD423010GY EN4SD423010LG 42.00 30.00 10.00 B EP4230 40.20 28.20 EN4SD423610GY EN4SD423610LG 42.00 36.00 10.00 B EP4236 40.20 34.20 EN4SD482410GY EN4SD482410LG 48.00 24.00 10.00 B EP4824 46.20 22.20 EN4SD483010GY EN4SD483010LG 48.00 30.00 10.00 B EP4830 46.20 28.20 EN4SD483610GY EN4SD483610LG 48.00 36.00 10.00 B EP4836 46.20 34.20 EN4SD603610GY EN4SD603610LG 60.00 36.00 10.00 B EP6036 58.20 34.20 EN4SD201612GY EN4SD201612LG 20.00 16.00 12.00 A EP2016 18.20 14.20 EN4SD202012GY EN4SD202012LG 20.00 20.00 12.00 A EP2020 18.20 18.20 EN4SD242012GY EN4SD242012LG 24.00 20.00 12.00 A EP2420 22.20 18.20 EN4SD242412GY EN4SD242412LG 24.00 24.00 12.00 A EP2424 22.20 22.20 EN4SD243012GY EN4SD243012LG 24.00 30.00 12.00 A EP2430 22.20 28.20 EN4SD302412GY EN4SD302412LG 30.00 24.00 12.00 A EP3024 28.20 22.20 EN4SD303012GY EN4SD303012LG 30.00 30.00 12.00 A EP3030 28.20 28.20 EN4SD362412GY EN4SD362412LG 36.00 24.00 12.00 A EP3624 34.20 22.20 EN4SD363012GY EN4SD363012LG 36.00 30.00 12.00 A EP3630 34.20 28.20 EN4SD363612GY EN4SD363612LG 36.00 36.00 12.00 A EP3636 34.20 34.20 EN4SD422412GY EN4SD422412LG 42.00 24.00 12.00 B EP4224 40.20 22.20 EN4SD423012GY EN4SD423012LG 42.00 30.00 12.00 B EP4230 40.20 28.20 EN4SD423612GY EN4SD423612LG 42.00 36.00 12.00 B EP4236 40.20 34.20 EN4SD482412GY EN4SD482412LG 48.00 24.00 12.00 B EP4824 46.20 22.20 EN4SD483612GY EN4SD483612LG 48.00 36.00 12.00 B EP4836 46.20 34.20 EN4SD603612GY EN4SD603612LG 60.00 36.00 12.00 B EP6036 58.20 34.20 EN4SD723012GY EN4SD723012LG 72.00 30.00 12.00 C EP7230 70.20 28.20 |