| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74AHC86D Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74AHC86D Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 16 page ![]() 1999 Sep 17 8 Philips Semiconductors Product specification Quad 2-input EXCLUSIVE-OR gate 74AHC86; 74AHCT86 AC WAVEFORMS Fig.5 The input (nA, nB) to output (nY) propagation delays. handbook, halfpage MNA244 tPHL tPLH VM VM nA, nB input nY output GND VI FAMILY VI INPUT REQUIREMENTS VM INPUT VM OUTPUT AHC GND to VCC 50% VCC 50% VCC AHCT GND to 3.0 V 1.5 V 50% VCC Fig.6 Load circuitry for switching times. TEST S1 tPLH/tPHL open tPLZ/tPZL VCC tPHZ/tPZH GND handbook, full pagewidth open GND VCC VCC VI VO MNA245 D.U.T. CL RT 1000 Ω PULSE GENERATOR S1 Definitions for test circuit: CL = load capacitance including jig and probe capacitance (see “AC characteristics” for values). RT = termination resistance should be equal to the output impedance Zo of the pulse generator. |