Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

40MT..K Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza 40MT..K
Descripción Electrónicos  Three Phase Bridge (Power Modules), 40 A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

40MT..K Datasheet(HTML) 3 Page - Vishay Siliconix

  40MT..K Datasheet HTML 1Page - Vishay Siliconix 40MT..K Datasheet HTML 2Page - Vishay Siliconix 40MT..K Datasheet HTML 3Page - Vishay Siliconix 40MT..K Datasheet HTML 4Page - Vishay Siliconix 40MT..K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VS-40MT160KPbF
www.vishay.com
Vishay Semiconductors
Revision: 15-Sep-17
3
Document Number: 93163
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Total Output Current (A)
50
40
30
20
10
60
0
93163_01
80
100
120
60
140
+
-
~
120°
(Rect.)
Instantaneous Forward Voltage (V)
0
0.5
1.0
1.5
2.0
3.0
2.5
1
10
1000
100
93163_02
T
J = 150 °C
T
J = 25 °C
Per junction
Total Output Current (A)
10
20
30
40
50
60
0
93163_03a
0
20
40
60
80
100
140
120
160
180
120°
(Rect.)
T
J = 150 °C
Maximum Allowable Ambient
Temperature (°C)
25
50
75
100
125
150
175
0
93163_03b
150
125
100
75
50
25
0
2 °C/W
1.5
°C/W
0.7
°C/W
1 °C/W
R
thSA = 0.12 °C/W
0.2 °C/W
0.3 °C/W
Number of Equal Amplitude Half
Cycle Current Pulse (N)
10
100
1
93163_04
50
100
150
200
250
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
Per junction
Pulse Train Duration (s)
0.1
1
0.01
93163_05
300
50
100
150
200
250
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
Per junction



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com