| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VS-104MT..KPBF Datasheet(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
VS-104MT..KPBF Datasheet(HTML) 2 Page - Vishay Siliconix |
|
2 / 8 page ![]() VS-104MT..KPbF Series www.vishay.com Vishay Semiconductors Revision: 14-Sep-17 2 Document Number: 94351 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Available with dV/dt = 1000 V/μs, to complete code add S90 i. e. 104MT160KBS90 FORWARD CONDUCTION PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum IRMS output current at case temperature IO For all conduction angle 100 A 80 °C Maximum peak, one-cycle forward, non-repetitive on state surge current ITSM t = 10 ms No voltage reapplied Initial TJ = TJ maximum 1130 A t = 8.3 ms 1180 t = 10 ms 100 % VRRM reapplied 950 t = 8.3 ms 1000 Maximum I2t for fusing I2t t = 10 ms No voltage reapplied 6380 A2s t = 8.3 ms 5830 t = 10 ms 100 % VRRM reapplied 4510 t = 8.3 ms 4120 Maximum I2 t for fusing I2 t t = 0.1 ms to 10 ms, no voltage reapplied 63 800 A2 s Low level value of threshold voltage VT(TO)1 (16.7 % x x I T(AV) < I < x IT(AV)), TJ maximum 0.99 V High level value of threshold voltage VT(TO)2 (I > x I T(AV)), TJ maximum 1.15 Low level value on-state slope resistance rt1 16.7 % x x I T(AV) < I < x IT(AV)), TJ maximum 3.90 m High level value on-state slope resistance rt2 (I > x I T(AV)), TJ maximum 3.48 Maximum on-state voltage drop VTM Ipk = 150 A, TJ = 25 °C, tp = 400 μs single junction 1.53 V Maximum non-repetitive rate of rise of turned on current dI/dt TJ = 25 °C, from 0.67 VDRM, ITM = x IT(AV), Ig = 500 mA, tr < 0.5 μs, tp > 6 μs 150 A/μs Maximum holding current IH TJ = 25 °C, anode supply = 6 V, resistive load, grate open circuit 200 mA Maximum latching current IL TJ = 25 °C, anode supply = 6 V, resistive load 400 BLOCKING PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS RMS isolation voltage VINS TJ = 25 °C all terminal shorted f = 50 Hz, t = 1 s 4000 V Maximum critical rate of rise of off-state voltage dV/dt (1) TJ = TJ maximum, linear to 0.67 VDRM, gate open circuit 500 V/μs TRIGGERING PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum peak gate power PGM TJ = TJ maximum 10 W Maximum average gate power PG(AV) 2.5 Maximum peak gate current IGM 2.5 A Maximum peak negative gate voltage - VGT 10 V Maximum required DC gate voltage to trigger VGT TJ = 40 °C Anode supply = 6 V, resistive load 4.0 TJ = 25 °C 2.5 TJ = 125 °C 1.7 Maximum required DC gate current to trigger IGT TJ = -40 °C 270 mA TJ = 25 °C 150 TJ = 125 °C 80 Maximum gate voltage that will not trigger VGD TJ = TJ maximum, rated VDRM applied 0.25 V Maximum gate current that will not trigger IGD 6mA |
|
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |