Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DRA821U2...ALM Datasheet(PDF) 12 Page - Texas Instruments

No. de pieza DRA821U2...ALM
Descripción Electrónicos  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 8Page - Texas Instruments DRA821U2...ALM Datasheet HTML 9Page - Texas Instruments DRA821U2...ALM Datasheet HTML 10Page - Texas Instruments DRA821U2...ALM Datasheet HTML 11Page - Texas Instruments DRA821U2...ALM Datasheet HTML 12Page - Texas Instruments DRA821U2...ALM Datasheet HTML 13Page - Texas Instruments DRA821U2...ALM Datasheet HTML 14Page - Texas Instruments DRA821U2...ALM Datasheet HTML 15Page - Texas Instruments DRA821U2...ALM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 252 page
background image
Table 6-1. Pin Attributes (continued)
BALL
NUMBER
[1]
BALL
NAME
[2]
SIGNAL
NAME
[3]
MUX
MODE
[4]
TYPE
[5]
BALL
RESET
STATE
[6]
BALL
RESET
REL. MUX
MODE
[7]
I/O
VOLTAGE
VALUE
[8]
POWER
[9]
HYS
[10]
BUFFER
TYPE
[11]
PULL
UP/DOWN
TYPE
[12]
DSIS
[13]
RX
ACTIVE/
TX
DISABLE
[14]
IO
RET
[15]
K2
DDR0_CSn0_1
DDR0_CSn0_1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
G5
DDR0_CSn1_0
DDR0_CSn1_0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
J3
DDR0_CSn1_1
DDR0_CSn1_1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
A3
DDR0_DM0
DDR0_DM0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
E4
DDR0_DM1
DDR0_DM1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
N1
DDR0_DM2
DDR0_DM2
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
R4
DDR0_DM3
DDR0_DM3
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
B4
DDR0_DQ0
DDR0_DQ0
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
A4
DDR0_DQ1
DDR0_DQ1
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
C4
DDR0_DQ2
DDR0_DQ2
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
C1
DDR0_DQ3
DDR0_DQ3
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
C3
DDR0_DQ4
DDR0_DQ4
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
C2
DDR0_DQ5
DDR0_DQ5
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
A2
DDR0_DQ6
DDR0_DQ6
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
B3
DDR0_DQ7
DDR0_DQ7
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
D1
DDR0_DQ8
DDR0_DQ8
IO
1.1 V
VDDS_DDR,
VDDS_DDR_C,
VDDS_DDR_BIAS
DDR
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More