Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLV75712PDRVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TLV75712PDRVR
Descripción Electrónicos  TPS38700Q1EVM Voltage Sequencer
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TLV75712PDRVR Datasheet(HTML) 3 Page - Texas Instruments

  TLV75712PDRVR Datasheet HTML 1Page - Texas Instruments TLV75712PDRVR Datasheet HTML 2Page - Texas Instruments TLV75712PDRVR Datasheet HTML 3Page - Texas Instruments TLV75712PDRVR Datasheet HTML 4Page - Texas Instruments TLV75712PDRVR Datasheet HTML 5Page - Texas Instruments TLV75712PDRVR Datasheet HTML 6Page - Texas Instruments TLV75712PDRVR Datasheet HTML 7Page - Texas Instruments TLV75712PDRVR Datasheet HTML 8Page - Texas Instruments TLV75712PDRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1 Introduction
The TPS38700Q1EVM is an evaluation module (EVM) for the TPS38700-Q1 Multichannel I2C Programmable
Voltage Sequencer. Test points are provided to give the user additional access, if needed, for oscilloscope or
multi-meter measurements.
The TPS38700Q1EVM comes pre-populated with TPS38700C03ARGERQ1. This option offers NEM_PD pin
which allow the system to issue an emergency power down while also being able to sequence up to ten different
devices all with a precise predefined sequence. The device also offers the option of battery backup power, a
precise 32.768 kHz clock, and the ability to communicate faults via I2C. ACT and SLEEP pins allow for the
device to change state depending on the logic level present on each. The NIRQ pin serves as an interrupt flag to
alert the system to possible faults, and the NRST pin asserts logic high under reset condition.
Figure 1-1. TPS38700Q1EVM Board Top
www.ti.com
Introduction
SNVU771A – JULY 2021 – REVISED APRIL 2022
Submit Document Feedback
TPS38700Q1EVM Voltage Sequencer
3
Copyright © 2022 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33