Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

USB-DIO32HS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza USB-DIO32HS
Descripción Electrónicos  High-Speed Digital I/O
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC - List of Unclassifed Manufacturers

USB-DIO32HS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-DIO32HS Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 2Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 3Page - List of Unclassifed Manufacturers USB-DIO32HS Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Measurement Computing
(508) 946-5100
2
info@mccdaq.com
mccdaq.com
USB-DIO32HS
Software
Software Support
The USB-DIO32HS is supported by the software in the table below.
Ready-to-Run Applications
DAQami™
Data acquisition companion software with drag-and-drop interface that is used to acquire,
view, and log data, and generate signals. DAQami can be configured to log analog, digital, and
counter channels, and to view that data in real-time or post-acquisition on user-configurable
displays. Logged data can be exported for use in Excel® or MATLAB®. Windows OS
DAQami is included with the free MCC DAQ Software bundle.
InstaCal™
An interactive installation, configuration, and test utility for MCC hardware. Windows OS
InstaCal is included with the free MCC DAQ Software bundle.
TracerDAQ™ and
TracerDAQ Pro
Virtual strip chart, oscilloscope, function generator, and rate generator applications used to
generate, acquire, analyze, display, and export data. Supported features may vary by hardware.
The Pro version provides enhanced features. Windows OS
TracerDAQ is included with the free MCC DAQ Software bundle.
TracerDAQ Pro is available as a purchased software download.
General-Purpose Programming Support
Universal Library™
(UL) for Windows
Library for developing applications in C, C++, VB, C# .Net, VB .Net, and Python on Windows.
The UL for Windows is included with the free MCC DAQ Software bundle.
The UL Python API for Windows is available on GitHub (https://github.com/mccdaq/mcculw).
UL for Linux®
Library for developing applications in C, C++, and Python on Linux.
UL for Linux is available on GitHub (https://github.com/mccdaq/uldaq).
Open-source, third-party Linux drivers are also available for supported MCC devices.
UL for Android™
Library of Java classes for programmers who develop apps for Android-based mobile devices.
UL for Android communicates with select MCC DAQ devices. Supports Android project devel-
opment on Windows, Linux, Mac OS X.
UL for Android is included with the free MCC DAQ Software bundle.
Application-Specific Programming Support
ULx for
NI LabVIEW™
A comprehensive library of VIs and example programs for NI LabVIEW that is used to develop
custom applications that interact with most MCC devices. Windows OS
ULx for NI LabVIEW is included with the free MCC DAQ Software bundle.
DASYLab®
Icon-based data acquisition, graphics, control, and analysis software that allows users to create
complex applications in minimal time without text-based programming. Windows OS
DASYLab is available as a purchased software download. An evaluation version is available for
28 days.



Html Pages

1 2 3 4