| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TOP244G Datasheet(PDF) 49 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP244G Datasheet(HTML) 49 Page - Power Integrations, Inc. |
|
49 / 54 page ![]() Rev. R 10/20 49 TOP242-250 www.power.com SMD-8B (G Package) PI-2546a-092920 .004 (.10) .012 (.30) .036 (0.91) .044 (1.12) .004 (.10) 0 -° 8° .356 (9.05) .387 (9.83) .048 (1.22) .009 (.23) .068 (1.73) .032 (.81) .043 (1.09) .125 (3.18) .145 (3.68) -D- Notes: 1. Controlling dimensions are inches. Millimeter sizes are shown in parentheses. 2. Dimensions shown do not include mold flash or other protrusions. Mold flash or protrusions shall not exceed .006 (.15) on any side. 3. Pin locations start with Pin 1, and continue counter-clock- wise to Pin 8 when viewed from the top. Pin 6 is omitted. 4. Minimum metal to metal spacing at the package body for the omitted lead location is .137 inch (3.48 mm). 5. Lead width measured at package body. 6. D and E are referenced datums on the package body. .057 (1.45) .068 (1.73) (NOTE 5) E S .100 (2.54) (BSC) .372 (9.45) .240 (6.10) .388 (9.86) .137 (3.48) MINIMUM .260 (6.60) .010 (.25) -E- Pin 1 D S .004 (.10) ⊕ ⊕ G08B .420 .046 .060 .060 .046 .080 Pin 1 .086 .186 .286 Solder Pad Dimensions |