Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TOP243 Datasheet(PDF) 51 Page - Power Integrations, Inc.

No. de pieza TOP243
Descripción Electrónicos  Extended Power, Design Flexible, EcoSmart, Integrated Off-Line Switcher
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWERINT [Power Integrations, Inc.]
Página de inicio  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP243 Datasheet(HTML) 51 Page - Power Integrations, Inc.

Back Button TOP243 Datasheet HTML 46Page - Power Integrations, Inc. TOP243 Datasheet HTML 47Page - Power Integrations, Inc. TOP243 Datasheet HTML 48Page - Power Integrations, Inc. TOP243 Datasheet HTML 49Page - Power Integrations, Inc. TOP243 Datasheet HTML 50Page - Power Integrations, Inc. TOP243 Datasheet HTML 51Page - Power Integrations, Inc. TOP243 Datasheet HTML 52Page - Power Integrations, Inc. TOP243 Datasheet HTML 53Page - Power Integrations, Inc. TOP243 Datasheet HTML 54Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 51 / 54 page
background image
Rev. R 10/20
51
TOP242-250
www.power.com
PI-2757-040110
Notes:
1. Controlling dimensions are inches. Millimeter dimensions
are shown in parentheses.
2. Pin numbers start with Pin 1, and continue from left to
right when viewed from the front.
3. Dimensions do not include mold flash or other protrusions.
Mold flash or protrusions shall not exceed .006 (.15 mm) on
any side.
4. Minimum metal to metal spacing at the package body for
omitted pin locations is .068 inch (1.73 mm).
5. Position of terminals to be measured at a location .25 (6.35)
below the package body.
6. All terminals are solder plated.
F07C
PIN 1
PIN 7
MOUNTING HOLE PATTERN
.050 (1.27)
.150 (3.81)
.050 (1.27)
.150 (3.81)
.050 (1.27)
.050 (1.27)
.100 (2.54)
.180 (4.58)
.200 (5.08)
PIN 1
.010 (.25) M
.326 (8.28)
.336 (8.53)
.390 (9.91)
.420 (10.67)
.795 (20.18)
REF.
.024 (.61)
.034 (.86)
.050 (1.27) BSC
.150 (3.81) BSC
.055 (1.40)
.066 (1.68)
PIN 1 & 7
7° TYP.
PIN 2 & 4
.040 (1.06)
.060 (1.52)
.190 (4.83)
.210 (5.33)
.012 (.30)
.024 (.61)
.080 (2.03)
.120 (3.05)
.165 (4.17)
.185 (4.70)
.040 (1.02)
.060 (1.52)
.045 (1.14)
.055 (1.40)
.595 (15.10)
REF.
.495 (12.56)
REF.
TO-262-7C (F Package)
.068 (1.73) MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com