Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CPC5610ATR Datasheet(PDF) 8 Page - Clare, Inc.

No. de pieza CPC5610ATR
Descripción Electrónicos  LITELINK??II Silicon Data Access Arrangement (DAA) IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CLARE [Clare, Inc.]
Página de inicio  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5610ATR Datasheet(HTML) 8 Page - Clare, Inc.

Back Button CPC5610ATR Datasheet HTML 4Page - Clare, Inc. CPC5610ATR Datasheet HTML 5Page - Clare, Inc. CPC5610ATR Datasheet HTML 6Page - Clare, Inc. CPC5610ATR Datasheet HTML 7Page - Clare, Inc. CPC5610ATR Datasheet HTML 8Page - Clare, Inc. CPC5610ATR Datasheet HTML 9Page - Clare, Inc. CPC5610ATR Datasheet HTML 10Page - Clare, Inc. CPC5610ATR Datasheet HTML 11Page - Clare, Inc. CPC5610ATR Datasheet HTML 12Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CPC5610/CPC5611
8
www.clare.com
Rev. 9.0
2.2 Reactive Termination Application Circuit
Figure 4. Reactive Termination Application Circuit Schematic
1This design was tested and found to comply with FCC Part 68 with this
part. Other compliance requirements may require a different part.
2Higher-noise power supplies may require substitution of a 220
µH inductor,
Toko 380HB-2215 or similar. See the Power Quality section of Clare applica-
tion note AN-146, Guidelines for Effective LITELINK Designs for more informa-
tion.
1
2
+
-
OH
RING
CID
TX+
RX+
TX-
RX-
3.3 or 5 V
C13 0.1
C14 0.1
C2 0.1
C3 0.1
C4 0.1
R1 (R
) 80.6K 1%
TX
R23
10
²
-BR
-BR
-BR
TIP
RING
U1
LITELINK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VDD
TXSM
TX-
TX+
TX
REFM
GND
RX-
RX+
SNP+
SNP-
RXF
RX
OH
RING
CID
REFL
TXF
ZTX
ZNT
TXSL
BR1-
NTS
GAT
REFB
DCS1
DCS2
ZDC
BR2-
RPB
RXS
VDDL
DB1
SIZB60
600V_60A
SP1
P3100SB
¹
-BR
-BR
A
A
A
C9
0.1
C16
10
FB1
600
200 mA
Ω
C1
1
R5 (R
)
42.2K
1%
TXF
R13
(R
)
1M
1%
NTS
C10
0.01
500V
R15 (R
) 1.69M 1%
DCS2
R14
(R
)
47
GAT
R20
(R
)
2
VDDL
R21 (R
)
1%
DCS1B
6.2 M
R22 (R
)
6.8 M 1%
DCS1A
C12 (C
)
0.027
DCS
R2
(R
)
127K
1%
RXF
R3
(R
)
1.5M
1%
SNPD
C7
(C
)
220pF
2000V
SNP-
C8
(C
)
220pF
2000V
SNP+
R6 (R
)
1.8M 1/10W 1%
SNP-2
R44 (R
)
1.8M 1/10W 1%
SNP-1
R7 (R
)
1.8M 1/10W 1%
SNP+2
R45 (R
)
1.8M 1/10W 1%
SNP+1
R4
(R
)
68.1
1%
PB
R8 (R
)
200K 1%
HTX
R9 (R
)
200K 1%
HNT
-BR
NOTE: Unless otherwise
noted, all resistors are in
Ohms, 5%. All capacitors
are in microFarads.
Q1
CPC5602C
R10
59
1%
(R
)
ZNT1
R18
29.4
1%
(R
)
ZTX1
R11
(R
)
169
1%
ZNT2
R19
84.5
1%
(R
)
ZTX2
C20
(C
)
0.68
ZNT
C11
(C
)
1.5
ZTX
R12
287K 1%
(R
)
NTF
R16
22.1 1%
(R
)
ZDC
-BR
-BR
-BR
C15
0.0022
500V
-BR
Q2
MMBT4126
R74
10
1%
-BR
C32
0.47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com