Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M63M201KB40T607 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza M63M201KB40T607
Descripción Electrónicos  3/8 Square (10 mm) Single-Turn Cermet Trimmer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

M63M201KB40T607 Datasheet(HTML) 1 Page - Vishay Siliconix

  M63M201KB40T607 Datasheet HTML 1Page - Vishay Siliconix M63M201KB40T607 Datasheet HTML 2Page - Vishay Siliconix M63M201KB40T607 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
63
www.vishay.com
Vishay Spectrol
Revision: 26-Jan-18
1
Document Number: 57027
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square (10 mm) Single-Turn Cermet Trimmer
DESIGN SUPPORT TOOLS
FEATURES
• Arrow and graduations for repeatable settings
• “O” ring seal for solvent and aqueous washing
• Rigid board mounting achieved with pins
secured in housing
• Multi-finger wiper for better contact resistance
• Solid end stop
• Tests according to CECC 41000 or IEC 60393-1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
The Model 63 cermet trimmer is available in several pin configurations for top or side adjustment and with a choice of Knob
styles for finger setting. Quick adjustment is achieved with multi-finger wiper and the standard resistance range is between
100
 and 2 M with a tolerance of ± 10 %.
click logo to get started
Available
Models
DIMENSIONS in inches (millimeters) ± 0.02" (0.5 mm)
63M
63S
63P63X
0.01
(0.25)
0.188
(4.78)
min.
0.020 x 0.012
(0.51 x 0.30)
0.190
(4.83)
0.2 ± 0.010
(5.1 ± 0.25)
0.395
(10.03)
0.100
(2.54)
0.045
(1.14)
0.100
(2.54)
0.177
(4.5)
0.100
(2.54)
0.375
(9.52)
0.375
(9.52)
0.40
(1.02)
0.100
(2.54)
0.100
(2.54)
0.100
(2.54)
0.01
(0.25)
T607
(all pin styles)
0.410
(10.41)
Ø 0.330
(8.38)
T640
(pin styles P and M)
Ø 0.550
(13.97)
0.320
(8.13)
T614
(all pin styles)
0.119
(3.02)


Número de pieza similar - M63M201KB40T607

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
M63M201KB40 VISHAY-M63M201KB40 Datasheet
306Kb / 4P
Product Change Notification
More results

Descripción similar - M63M201KB40T607

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
64P201E3 VISHAY-64P201E3 Datasheet
137Kb / 4P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
04-Sep-07
T93 VISHAY-T93_13 Datasheet
90Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
24-Aug-10
T93XA202KT20 VISHAY-T93XA202KT20 Datasheet
96Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA202KT20 VISHAY-T93YA202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93XB503KT20 VISHAY-T93XB503KT20 Datasheet
116Kb / 6P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YB202KT20 VISHAY-T93YB202KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93YA102KT20 VISHAY-T93YA102KT20 Datasheet
96Kb / 5P
3/8 Square Multi-Turn Cermet Trimmer
05-Aug-13
T93 VISHAY-T93_17 Datasheet
110Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
T93 VISHAY-T93_V01 Datasheet
90Kb / 5P
3/8" Square Multi-Turn Cermet Trimmer
26-Jan-18
M64P224KB40 VISHAY-M64P224KB40 Datasheet
105Kb / 5P
3/8 Square (10 mm) Multi-Turn Cermet Trimmer
26-Jan-18
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com