| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AS1100PL Datasheet(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS1100PL Datasheet(HTML) 12 Page - ams AG |
|
12 / 12 page ![]() Data Sheet AS1100 Revision 1.32, Oct. 2004 Page 12 of 12 Ordering Information Part Temp Range Pin Package Delivery Form AS1100PL 0°C to +70°C 24 Narrow Plastic DIP Tubes AS1100WL 0°C to +70°C 24 Wide SO Tubes AS1100PE -40°C to +85°C 24 Narrow Plastic DIP Tubes AS1100WE -40°C to +85°C 24 Wide SO Tubes AS1100WL-T 0°C to +70°C 24 Wide SO T&R AS1100WE-T -40°C to +85°C 24 Wide SO T&R For Pb-free package use suffix ‘-Z‘ Contact austriamicrosystems AG A 8141 Schloss Premstätten, Austria T. +43 (0) 3136 500 0 F. +43 (0) 3136 525 01 info@austriamicrosystems.com Copyright Copyright © 2004 austriamicrosystems. Trademarks registered ®. All rights reserved. The material herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. To the best of its knowledge, austriamicrosystems asserts that the information contained in this publication is accurate and correct. Austriamicrosystems reserves the right to change the circuitry and specifications without notice at any time. Figure 7: Segment Current versa RSET 10 1 10 2 0 5 10 15 20 25 30 35 40 45 50 Segment Current = f(R SET ) R SET in kOhm |