Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TJ3-HT Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza TJ3-HT
Descripción Electrónicos  Toroid, High Current, High Temperature, Radial Leaded
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TJ3-HT Datasheet(HTML) 3 Page - Vishay Siliconix

  TJ3-HT Datasheet HTML 1Page - Vishay Siliconix TJ3-HT Datasheet HTML 2Page - Vishay Siliconix TJ3-HT Datasheet HTML 3Page - Vishay Siliconix TJ3-HT Datasheet HTML 4Page - Vishay Siliconix TJ3-HT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TJ3-HT
www.vishay.com
Vishay Dale
Revision: 09-Mar-12
3
Document Number: 34234
For technical questions, contact: magnetics@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE GRAPHS: INDUCTANCE VS. DC CURRENT AND DC CURRENT VS. TEMPERATURE
HORIZONTAL MOUNTED
VERTICAL MOUNTED
TJ32UEB4R7MHT (TJ3-HT 2U 4.7 µH ± 20 % EB e2)
0.00
1.00
2.00
3.00
4.00
5.00
13
19
8
7
6
510
11
12
34
2
DC Current (A)
0
10
20
30
40
50
TJ31UEB4R7MHT (TJ3-HT 1U 4.7 µH ± 20 % EB e2)
0.00
1.00
2.00
3.00
4.00
5.00
15
03
6
9
12
DC Current (A)
0
10
20
30
40
50
TJ32UEB100MHT (TJ3-HT 2U 10 µH ± 20 % EB e2)
0.0
4.0
8.0
12.0
16.0
20.0
9
8
7
01
6
5
34
2
DC Current (A)
0
10
20
30
40
50
TJ31UEB100MHT (TJ3-HT 1U 10 µH ± 20 % EB e2)
0.0
4.0
8.0
12.0
16.0
20.0
9
03
2
14
5
6
7
8
DC Current (A)
0
10
20
30
40
50
TJ32UEB150MHT (TJ3-HT 2U 15 µH ± 20 % EB e2)
0.0
4.0
8.0
12.0
16.0
20.0
7
01
6
5
34
2
DC Current (A)
0
10
20
30
40
50
TJ31UEB150MHT (TJ3-HT 1U 15 µH ± 20 % EB e2)
0.0
4.0
8.0
12.0
16.0
20.0
7
03
2
14
5
6
DC Current (A)
0
10
20
30
40
50
TJ32UEB220MHT (TJ3-HT 2U 22 µH ± 20 % EB e2)
0.0
5.0
10.0
15.0
20.0
25.0
6
01
5
34
2
DC Current (A)
0
10
20
30
40
50
TJ31UEB220MHT (TJ3-HT 1U 22 µH ± 20 % EB e2)
0.0
5.0
10.0
15.0
20.0
25.0
6
03
2
14
5
DC Current (A)
0
10
20
30
40
50



Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com