Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APV2002YI-TYL Datasheet(PDF) 3 Page - Anpec Electronics Coropration

No. de pieza APV2002YI-TYL
Descripción Electrónicos  Crystal Oscillator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANPEC [Anpec Electronics Coropration]
Página de inicio  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APV2002YI-TYL Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APV2002YI-TYL Datasheet HTML 1Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 2Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 3Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 4Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 5Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 6Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 7Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 8Page - Anpec Electronics Coropration APV2002YI-TYL Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Nov., 2002
APV2002
www.anpec.com.tw
3
Electrical Characteristics (Cont.)
APV2002
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Operating condition
VDD
Supply Voltage
3.0
3.3
3.6
V
Ambient Temperature
-40
85
°C
DC characteristics
Freq
Crystal Frequency
0.5
60
MHz
IDD
Operating Current
Crystal 55MHz , C
L = 50pF
20
mA
VIN
Input Voltage
-0.5
VDD+0.5V
VOUT
Output Voltage
-0.5
VDD+0.5V
AC characteristics
Duty
Waveform Symmetry
40
50
60
%
Tr
Rise Time
0.3V to 3.0V , C
L = 50pF
3
ns
Tf
Fall Time
3.0V to 0.3V , C
L = 50pF
3
ns
The following specifications apply for VDD = 3.3V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com