| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CPRI-IP Datasheet(PDF) 1 Page - Logic Fruit Technologies |
|
|
|||||||||||||||||||||||||||||
CPRI-IP Datasheet(HTML) 1 Page - Logic Fruit Technologies |
|
1 / 3 page ![]() CPRI IP Master and Slave RTL IP Core Technologies 806, 8th Floor BPTP Park Centra Sector–30, NH–8 Gurgaon – 122001 Haryana (India) +91-0124 4643950 +1-408 718 9782 info@logic-fruit.com us@logic-fruit.com DATASHEET Logic Fruit Technologies has designed CPRI Master and Slave RTL IP Core, supporting multiple data rates up to 24.33024 Gbps. CPRI is a high-speed serial interface for network radio equipment controllers (REC) to receive and provide data to remote Radio Equipment (RE). This IP core mainly targets high-performance, remote radio network applications and can be configured as an RE(Slave) or a REC(Master). |
Número de pieza similar - CPRI-IP |
|
Descripción similar - CPRI-IP |