| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MP962 Datasheet(PDF) 1 Page - PerkinElmer Optoelectronics |
|
|
|||||||||||||||||||||||||||||
MP962 Datasheet(HTML) 1 Page - PerkinElmer Optoelectronics |
|
1 / 3 page ![]() EVERYTHING IN A NEW LIGHT. Description The Photon Counting Head MP 900 series is designed for applications in all fields of single photon detection, e.g. chemoluminescence, bioluminescence, in-vitro assay, environmental measurements or pure research. It is an easy to use module, containing the Channel Photomultiplier, a high voltage power supply, a discrimination amplifier and a pulse shaper for fast output pulses. An installed active quenching systems avoids over-illumination to the detector. It is also possible to apply an external gate function for time correlated photon counting. Strong variations in light levels are possible due to the high dynamic range of the installed CPM. The exceptional low noise and high sensitivity facilitates detection of extremely low light levels. Features • Very low noise, typical 10 cps, • High dynamic range up to 6 orders of magnitude • High reliability • No cooling requirement • Very high stability in noise level, no sudden "bursts" • High stability over time • Rugged and compact design • Gateable CPM input for time resolved measurements • Active quenching circuit for high light protection • Extremely fast high light recovery times • 5 volts supply voltage MP 900 Ultra High Sensitivity Gateable Photon Counting Module |
Número de pieza similar - MP962 |
|
Descripción similar - MP962 |