| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DM5430 Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM5430 Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF6510 June 1989 5430DM5430DM7430 8-Input NAND Gate General Description This device contains a single gate which performs the logic NAND function Y Alternate MilitaryAerospace device (5430) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6510 – 1 Order Number 5430DMBQ 5430FMQB DM5430J DM5430W or DM7430N See NS Package Number J14A N14A or W14B Function Table Y e ABCDEFGH Inputs Output A thru H Y All Inputs H L One or More H Input L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Número de pieza similar - DM5430 |
|
Descripción similar - DM5430 |