| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMPBF256C Datasheet(PDF) 1 Page - InterFET Corporation |
|
|
|||||||||||||||||||||||||||||
SMPBF256C Datasheet(HTML) 1 Page - InterFET Corporation |
|
1 / 10 page ![]() E-2 01/99 Small Outline (Surface Mount) Package Devices N-Channel Silicon Junction Field-Effect Transistors SMP3369 – 40 – 1.0 – 1.0 – 30 — – 6.5 20 1.0 0.5 2.5 30 SMP3369 SMP3370 – 40 – 1.0 – 1.0 – 30 — – 3.2 20 1.0 0.1 0.6 30 SMP3370 SMP3458 – 50 – 1.0 – 1.0 – 30 — – 7.8 20 1.0 3.0 15 20 SMP3458 SMP3459 – 50 – 1.0 – 1.0 – 30 — – 3.4 20 1.0 0.8 4.0 20 SMP3459 SMP3460 – 50 – 1.0 – 1.0 – 30 — – 1.8 20 1.0 0.2 1.0 20 SMP3460 SMP3819 – 25 – 1.0 – 2.0 – 15 — – 8.0 15 2.0 2.0 20 15 SMP3819 SMP3821 – 50 – 1.0 – 1.0 – 30 — – 4.0 10 1.0 0.5 2.5 15 SMP3821 SMP3822 – 50 – 1.0 – 1.0 – 30 — – 6.0 10 1.0 2.0 10 15 SMP3822 SMP3823 – 30 – 1.0 – 1.0 – 20 — – 8.0 10 1.0 4.0 20 15 SMP3823 SMP3824 – 50 – 1.0 – 1.0 – 30 — – 8.0 15 0.5 4.0 20 15 SMP3824 SMP3966 – 30 – 1.0 – 1.0 – 20 – 4.0 – 6.0 10 10 2.0 — 20 SMP3966 SMP3967 – 30 – 1.0 – 1.0 – 20 – 2.0 – 5.0 20 1.0 2.5 10 20 SMP3967 SMP3967A – 30 – 1.0 – 1.0 – 20 – 2.0 – 5.0 20 1.0 2.5 10 20 SMP3967A SMP3968 – 30 – 1.0 – 1.0 – 20 — – 3.0 20 1.0 1.0 5.0 20 SMP3968 SMP3968A – 30 – 1.0 – 1.0 – 20 — – 3.0 20 1.0 1.0 5.0 20 SMP3968A SMP3969 – 30 – 1.0 – 1.0 – 20 — – 1.7 20 1.0 0.4 2.0 20 SMP3969 SMP3969A – 30 – 1.0 – 1.0 – 20 — – 1.7 20 1.0 0.4 2.0 20 SMP3969A SMP3970 – 40 – 1.0 – 1.0 – 20 – 4.0 – 10 20 1.0 50.0 150 20 SMP3970 SMP3971 – 40 – 1.0 – 1.0 – 20 – 2.0 – 5.0 20 1.0 25.0 75 20 SMP3971 SMP3972 – 40 – 1.0 – 1.0 – 20 – 0.5 – 3.0 20 1.0 5.0 30 20 SMP3972 SMP4091 – 40 – 1.0 – 1.0 – 20 – 5.0 – 10 20 1.0 30.0 — 20 SMP4091 SMP4092 – 40 – 1.0 – 1.0 – 20 – 2.0 – 7.0 20 1.0 15.0 — 20 SMP4092 SMP4093 – 40 – 1.0 – 1.0 – 20 – 1.0 – 5.0 20 1.0 8.0 — 20 SMP4093 SMP4117 – 40 – 1.0 – 0.01 – 20 – 0.6 – 1.8 10 1.0 0.03 0.09 10 SMP4117 SMP4118 – 40 – 1.0 – 0.01 – 20 – 1.0 – 3.0 10 1.0 0.08 0.24 10 SMP4118 SMP4119 – 40 – 1.0 – 0.01 – 20 – 2.0 – 6.0 10 1.0 0.2 0.6 10 SMP4119 SMP4220 – 30 – 10 – 1.0 – 15 — – 4.0 15 1.0 0.5 3.0 15 SMP4220 SMP4221 – 30 – 10 – 1.0 – 15 — – 6.3 15 1.0 2.0 6.0 15 SMP4221 SMP4222 – 30 – 10 – 1.0 – 15 — – 8.0 15 1.0 5.0 15 15 SMP4222 SMP4223 – 30 – 10 – 1.0 – 20 — – 8.0 15 1.0 3.0 18 15 SMP4223 SMP4224 – 30 – 10 – 1.0 – 20 — – 8.0 15 1.0 2.0 20 15 SMP4224 SMP4302 – 30 – 1.0 – 1.0 – 15 — – 4.0 20 10 0.5 5.0 20 SMP4302 SMP4303 – 30 – 1.0 – 1.0 – 15 — – 6.0 20 10 4.0 10 20 SMP4303 SMP4304 – 30 – 1.0 – 1.0 – 15 — – 10 20 10 0.5 15 20 SMP4304 SMP4338 – 50 – 1.0 – 1.0 – 30 – 0.3 – 1.0 15 100 0.2 0.6 15 SMP4338 SMP4339 – 50 – 1.0 – 1.0 – 30 – 0.6 – 1.8 15 100 0.5 1.5 15 SMP4339 Electrical Chara 1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375 www.interfet.com Device Type BV GSS I GSS V GS (OFF) I DSS Limits Conditions Min @IG Max @VGS Min Max VDS ID Min Max @VDS (V) (µA) (nA) (V) (V) (V) (V) (nA) (mA) (mA) (V) Databook.fxp 1/13/99 2:09 PM Page E-2 |
Número de pieza similar - SMPBF256C |
|
Descripción similar - SMPBF256C |