Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMPBF244C Datasheet(PDF) 3 Page - InterFET Corporation

No. de pieza SMPBF244C
Descripción Electrónicos  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERFET [InterFET Corporation]
Página de inicio  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMPBF244C Datasheet(HTML) 3 Page - InterFET Corporation

  SMPBF244C Datasheet HTML 1Page - InterFET Corporation SMPBF244C Datasheet HTML 2Page - InterFET Corporation SMPBF244C Datasheet HTML 3Page - InterFET Corporation SMPBF244C Datasheet HTML 4Page - InterFET Corporation SMPBF244C Datasheet HTML 5Page - InterFET Corporation SMPBF244C Datasheet HTML 6Page - InterFET Corporation SMPBF244C Datasheet HTML 7Page - InterFET Corporation SMPBF244C Datasheet HTML 8Page - InterFET Corporation SMPBF244C Datasheet HTML 9Page - InterFET Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
E-4
01/99
Small Outline (Surface Mount) Package Devices
N-Channel Silicon Junction Field-Effect Transistors
SMP4340
– 50
– 1.0
– 1.0
– 30
– 1.0
– 3.0
15
100
1.2
3.6
15
SMP4340
SMP4341
– 50
– 1.0
– 1.0
– 30
– 2.0
– 6.0
15
100
3.0
9.0
15
SMP4341
SMP4391
– 40
– 1.0
– 1.0
– 20
– 4.0
– 10
20
1.0
50
150
20
SMP4391
SMP4392
– 40
– 1.0
– 1.0
– 20
– 2.0
– 5.0
20
1.0
25
100
20
SMP4392
SMP4393
– 40
– 1.0
– 1.0
– 20
– 0.5
– 3.0
20
1.0
5.0
30
20
SMP4393
SMP4416
– 30
– 1.0
– 1.0
– 20
—
– 6.0
15
1.0
5.0
15
15
SMP4416
SMP4416A
– 35
– 1.0
– 1.0
– 20
– 2.5
– 6.0
15
1.0
5.0
15
15
SMP4416A
SMP4856
– 40
– 1.0
– 1.0
– 20
– 4.0
– 10
15
1.0
50
—
15
SMP4856
SMP4856A
– 40
– 1.0
– 1.0
– 20
– 4.0
– 10
15
1.0
50
—
15
SMP4856A
SMP4857
– 40
– 1.0
– 1.0
– 20
– 2.0
– 6.0
15
1.0
20
100
15
SMP4857
SMP4857A
– 40
– 1.0
– 1.0
– 20
– 2.0
– 6.0
15
1.0
20
100
15
SMP4857A
SMP4858
– 40
– 1.0
– 1.0
– 20
– 0.8
– 4.0
15
1.0
8.0
80
15
SMP4858
SMP4858A
– 40
– 1.0
– 1.0
– 20
– 0.8
– 4.0
15
1.0
8.0
80
15
SMP4858A
SMP4859
– 30
– 1.0
– 1.0
– 15
– 4.0
– 10
15
1.0
50
—
15
SMP4859
SMP4859A
– 30
– 1.0
– 1.0
– 15
– 4.0
– 10
15
1.0
50
—
15
SMP4859A
SMP4860
– 30
– 1.0
– 1.0
– 15
– 2.0
– 6.0
15
1.0
20
100
15
SMP4860
SMP4860A
– 30
– 1.0
– 1.0
– 15
– 2.0
– 6.0
15
1.0
20
100
15
SMP4860A
SMP4861
– 30
– 1.0
– 1.0
– 15
– 0.8
– 4.0
15
1.0
8.0
80
15
SMP4861
SMP4861A
– 30
– 1.0
– 1.0
– 15
– 0.8
– 4.0
15
1.0
8.0
80
15
SMP4861A
SMP4867
– 40
– 1.0
– 1.0
– 30
– 0.7
– 2.0
20
1.0
0.4
1.2
20
SMP4867
SMP4868
– 40
– 1.0
– 1.0
– 30
– 1.0
– 3.0
20
1.0
1.0
3.0
20
SMP4868
SMP4869
– 40
– 1.0
– 1.0
– 30
– 1.8
– 5.0
20
1.0
2.5
7.5
20
SMP4869
SMP5078
– 30
– 1.0
– 1.0
– 20
– 0.5
– 8.0
15
1.0
4.0
25
15
SMP5078
SMP5103
– 25
– 1.0
– 1.0
– 15
– 0.5
– 4.0
15
1.0
1.0
8.0
15
SMP5103
SMP5104
– 25
– 1.0
– 1.0
– 15
– 0.5
– 4.0
15
1.0
2.0
6.0
15
SMP5104
SMP5105
– 25
– 1.0
– 1.0
– 15
– 0.5
– 4.0
15
1.0
5.0
15
15
SMP5105
SMP5163
– 25
– 1.0
– 10
– 15
– 0.4
– 8.0
15
1.0
1.0
40
15
SMP5163
SMP5245
– 30
– 1.0
– 1.0
– 20
– 1.0
– 6.0
15
10
5.0
15
15
SMP5245
SMP5246
– 30
– 1.0
– 1.0
– 20
– 0.5
– 4.0
15
10
1.5
7.0
15
SMP5246
SMP5247
– 30
– 1.0
– 1.0
– 20
– 1.5
– 8.0
15
10
8.0
24
15
SMP5247
SMP5248
– 30
– 1.0
– 5.0
– 20
– 1.0
– 8.0
15
10
4.0
20
15
SMP5248
SMP5358
– 40
– 1.0
– 1.0
– 20
– 0.5
– 3.0
15
100
0.5
1.0
15
SMP5358
SMP5359
– 40
– 1.0
– 1.0
– 20
– 0.8
– 4.0
15
100
0.6
1.6
15
SMP5359
SMP5360
– 40
– 1.0
– 1.0
– 20
– 0.8
– 4.0
15
100
1.5
3.0
15
SMP5360
SMP5361
– 40
– 1.0
– 1.0
– 20
– 1.0
– 6.0
15
100
2.5
5.0
15
SMP5361
SMP5362
– 40
– 1.0
– 1.0
– 20
– 2.0
– 7.0
15
100
4.0
8.0
15
SMP5362
Electrical Chara
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Device
Type
BV
GSS
I
GSS
V
GS (OFF)
I
DSS
Limits
Conditions
Min
@IG
Max
@VGS
Min
Max
VDS
ID
Min
Max
@VDS
(V)
(µA)
(nA)
(V)
(V)
(V)
(V)
(nA)
(mA)
(mA)
(V)
Databook.fxp
1/13/99 2:09 PM
Page E-4



Html Pages

1 2 3 4 5 6 7 8 9 10