Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMP6453 Datasheet(PDF) 9 Page - InterFET Corporation

No. de pieza SMP6453
Descripción Electrónicos  N-Channel Silicon Junction Field-Effect Transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERFET [InterFET Corporation]
Página de inicio  http://www.interfet.com
Logo INTERFET - InterFET Corporation

SMP6453 Datasheet(HTML) 9 Page - InterFET Corporation

Back Button SMP6453 Datasheet HTML 2Page - InterFET Corporation SMP6453 Datasheet HTML 3Page - InterFET Corporation SMP6453 Datasheet HTML 4Page - InterFET Corporation SMP6453 Datasheet HTML 5Page - InterFET Corporation SMP6453 Datasheet HTML 6Page - InterFET Corporation SMP6453 Datasheet HTML 7Page - InterFET Corporation SMP6453 Datasheet HTML 8Page - InterFET Corporation SMP6453 Datasheet HTML 9Page - InterFET Corporation SMP6453 Datasheet HTML 10Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
E-10
01/99
Small Outline (Surface Mount) Package Devices
P-Channel Silicon Junction Field-Effect Transistors
SMP2608
30
1.0
10
5
1.0
4.0
– 5
– 1.0
– 0.9
– 4.5
– 5.0
SMP2608
SMP2609
30
1.0
10
5
1.0
4.0
– 5
– 1.0
– 2.0
– 10
– 5.0
SMP2609
SMP3329
20
10
10
10
—
6.0
– 15
– 10
– 1.0
– 3.0
– 10
SMP3329
SMP3330
20
10
10
10
—
6.0
– 15
– 10
– 2.0
– 6.0
– 10
SMP3330
SMP3331
20
10
10
10
—
8.0
– 15
– 10
– 5.0
– 15
– 10
SMP3331
SMP3332
20
10
10
10
—
6.0
– 15
– 10
– 1.0
– 6.0
– 10
SMP3332
SMP3820
20
10
20
10
—
8.0
– 10
– 10
– 0.3
– 15
– 10
SMP3820
SMP3993
25
1.0
1.0
15
4.0
9.5
– 10
– 1.0
– 10
—
– 10
SMP3993
SMP3994
25
1.0
1.0
15
1.0
5.5
– 10
– 1.0
– 2.0
—
– 10
SMP3994
SMP4381
25
1.0
1.0
15
1.0
5.0
– 15
– 1.0
– 3.0
– 12
– 15
SMP4381
SMP5018
30
1.0
2.0
15
—
10
– 15
– 1.0
– 10
—
– 20
SMP5018
SMP5019
30
1.0
2.0
15
—
5.0
– 15
– 1.0
– 5.0
—
– 20
SMP5019
SMP5020
25
1.0
1.0
15
0.3
1.5
– 15
– 1.0
– 0.3
– 1.2
– 15
SMP5020
SMP5021
25
1.0
1.0
15
0.5
2.5
– 15
– 1.0
– 1.0
– 3.5
– 15
SMP5021
SMP5033
20
10
10
15
0.3
2.5
– 15
– 1.0
– 0.3
– 3.5
– 15
SMP5033
SMP5114
30
1.0
0.5
20
5.0
10
– 15
– 1.0
– 30
– 90
– 18
SMP5114
SMP5115
30
1.0
0.5
20
3.0
6.0
– 15
– 1.0
—
– 60
– 15
SMP5115
SMP5116
30
1.0
0.5
20
1.0
4.0
– 15
– 1.0
– 5.0
– 25
– 15
SMP5116
SMP5460
40
10
5.0
20
0.75
6.0
– 15
– 1.0
– 1.0
– 5.0
– 15
SMP5460
SMP5461
40
10
5.0
20
1.0
7.5
– 15
– 1.0
– 2.0
– 9.0
– 15
SMP5461
SMP5462
40
10
5.0
20
1.8
9.0
– 15
– 1.0
– 4.0
– 16
– 15
SMP5462
SMPJ174
30
1.0
1.0
20
5.0
10
– 15
– 10
– 20
– 135
– 15
SMPJ174
SMPJ175
30
1.0
1.0
20
3.0
6.0
– 15
– 10
– 7.0
– 70
– 15
SMPJ175
SMPJ176
30
1.0
1.0
20
1.0
4.0
– 15
– 10
– 2.0
– 35
– 15
SMPJ176
SMPJ177
30
1.0
1.0
20
0.8
2.25
– 15
– 10
– 1.5
– 20
– 15
SMPJ177
SMPJ270
30
1.0
1.0
20
0.5
2.0
– 15
– 1.0
– 2.0
– 15
– 15
SMPJ270
SMPJ271
30
1.0
1.0
20
1.5
4.5
– 15
– 1.0
– 6.0
– 50
– 15
SMPJ271
SMPP1086
30
1.0
2.0
15
—
10
– 15
– 1.0
– 10
—
– 20
SMPP1086
SMPP1087
30
1.0
2.0
15
—
5.0
– 15
– 1.0
– 5.0
—
– 20
SMPP1087
Electrical Chara
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Device
Type
BV
GSS
I
GSS
V
GS (OFF)
I
DSS
Limits
Conditions
Min
@IG
Max
@VGS
Min
Max
VDS
ID
Min
Max
@VDS
(V)
(µA)
(nA)
(V)
(V)
(V)
(V)
(nA)
(mA)
(mA)
(V)
Databook.fxp
1/13/99 2:09 PM
Page E-10



Html Pages

1 2 3 4 5 6 7 8 9 10