| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TCS40DPR Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TCS40DPR Datasheet(HTML) 1 Page - Toshiba Semiconductor |
|
1 / 7 page ![]() TCS40DPR 2015-04-03 1 TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic TCS40DPR Digital Output Magnetic Sensor Feature Push-Pull Output South-Pole and North-Pole Detection Marking Pin Assignment (Top View) Function Table Note 1: A 0.47 μF capacitor should be connected near the device. This condition will not guarantee successful operation. Check the performance thorough evaluation using the actual application to set the condition. SON3-P-0203-1.90S SOT-23F Weight: 11.0 mg (typ.) Magnetic Flux Density Output ≥ BON L ≤ BOFF H VOUT GND VCC (Note1) 1 2 3 PA8 Start of commercial production 2015-05 |
Número de pieza similar - TCS40DPR |
|
Descripción similar - TCS40DPR |