Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

T835T-8G Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza T835T-8G
Descripción Electrónicos  8 A 800 V D2PAK Snubberless™ Triac
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835T-8G Datasheet(HTML) 7 Page - STMicroelectronics

Back Button T835T-8G Datasheet HTML 3Page - STMicroelectronics T835T-8G Datasheet HTML 4Page - STMicroelectronics T835T-8G Datasheet HTML 5Page - STMicroelectronics T835T-8G Datasheet HTML 6Page - STMicroelectronics T835T-8G Datasheet HTML 7Page - STMicroelectronics T835T-8G Datasheet HTML 8Page - STMicroelectronics T835T-8G Datasheet HTML 9Page - STMicroelectronics T835T-8G Datasheet HTML 10Page - STMicroelectronics T835T-8G Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK®
packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions
and product status are available at: www.st.com. ECOPACK® is an ST trademark.
3.1
D²PAK package information
ECOPACK2® compliant
Lead-free package leads finishing
Molding compound resin is halogen-free and meets UL standard level V0
Figure 14. D²PAK package outline
e
G
E1
E2
c2
A
b
b2
E
V2
c
A1
A2
A3
R
Gauge Plane
1
2
3
Max resin gate protrusion: 0.5 mm (1)
(1) Resin gate is accepted in each of position shown on the drawing, or their symmetrical.
T835T-8G
Package information
DS12531 - Rev 3
page 7/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com