Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STX13005-AP Datasheet(PDF) 11 Page - STMicroelectronics

No. de pieza STX13005-AP
Descripción Electrónicos  High voltage fast-switching NPN power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STX13005-AP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STX13005-AP Datasheet HTML 5Page - STMicroelectronics STX13005-AP Datasheet HTML 6Page - STMicroelectronics STX13005-AP Datasheet HTML 7Page - STMicroelectronics STX13005-AP Datasheet HTML 8Page - STMicroelectronics STX13005-AP Datasheet HTML 9Page - STMicroelectronics STX13005-AP Datasheet HTML 10Page - STMicroelectronics STX13005-AP Datasheet HTML 11Page - STMicroelectronics STX13005-AP Datasheet HTML 12Page - STMicroelectronics STX13005-AP Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STX13005
Package mechanical data
Doc ID 9151 Rev 6
11/13
Dim.
mm
Min
Typ
Max
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1,F2
2.44
2.54
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W17.50
18.00
19.00
W0
5.70
6.00
6.30
W1
8.509.009.25
W2
0.50
H18.50
20.50
H3
0.5
1
1.5
H0
15.50
16.00
16.50
H1
25.00
D0
3.80
4.00
4.20
t
0.90
L
11.00
I1
3.00
delta P
-1.00
1.00
TO-92 ammopack shipment (suffix”-AP”) mechanical data
0050910S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13