Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32W108CB Datasheet(PDF) 235 Page - STMicroelectronics

No. de pieza STM32W108CB
Descripción Electrónicos  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 231Page - STMicroelectronics STM32W108CB Datasheet HTML 232Page - STMicroelectronics STM32W108CB Datasheet HTML 233Page - STMicroelectronics STM32W108CB Datasheet HTML 234Page - STMicroelectronics STM32W108CB Datasheet HTML 235Page - STMicroelectronics STM32W108CB Datasheet HTML 236Page - STMicroelectronics STM32W108CB Datasheet HTML 237Page - STMicroelectronics STM32W108CB Datasheet HTML 238Page - STMicroelectronics STM32W108CB Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Interrupts
Doc ID 16252 Rev 14
235/278
Memory Fault
4
MPU mismatch, including access violation and no match.
Synchronous.
Bus Fault
5
Pre-fetch, memory access, and other address/memory-related faults.
Synchronous when precise and asynchronous when imprecise.
Usage Fault
6
Usage fault, such as 'undefined instruction executed' or 'illegal state
transition attempt'. Synchronous.
-7-10
Reserved, must be kept at reset value
SVCall
11
System service call with SVC instruction. Synchronous.
Debug Monitor
12
Debug monitor, when not halting. Synchronous, but only active when
enabled. It does not activate if lower priority than the current
activation.
-13
Reserved, must be kept at reset value
PendSV
14
Pendable request for system service. Asynchronous and only pended
by software.
SysTick
15
System tick timer has fired. Asynchronous.
Timer 1
16
Timer 1 peripheral interrupt.
Timer 2
17
Timer 2 peripheral interrupt.
Management
18
Management peripheral interrupt.
Baseband
19
Baseband peripheral interrupt.
Sleep Timer
20
Sleep Timer peripheral interrupt.
Serial Controller 1
21
Serial Controller 1 peripheral interrupt.
Serial Controller 2
22
Serial Controller 2 peripheral interrupt.
Security
23
Security peripheral interrupt.
MAC Timer
24
MAC Timer peripheral interrupt.
MAC Transmit
25
MAC Transmit peripheral interrupt.
MAC Receive
26
MAC Receive peripheral interrupt.
ADC
27
ADC peripheral interrupt.
IRQA
28
IRQA peripheral interrupt.
IRQB
29
IRQB peripheral interrupt.
IRQC
30
IRQC peripheral interrupt.
IRQD
31
IRQD peripheral interrupt.
Debug
32
Debug peripheral interrupt.
Table 43.
NVIC exception table (continued)
Exception
Position
Description